Electronic Components Datasheet Search
  English  ▼

X  

1408624 Datasheet(PDF) 11 Page - PHOENIX CONTACT

Part # 1408624
Description  NBC-MRD-MRD SCO-PN/.../... - Network cable
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

1408624 Datasheet(HTML) 11 Page - PHOENIX CONTACT

Back Button 1408624 Datasheet HTML 7Page - PHOENIX CONTACT 1408624 Datasheet HTML 8Page - PHOENIX CONTACT 1408624 Datasheet HTML 9Page - PHOENIX CONTACT 1408624 Datasheet HTML 10Page - PHOENIX CONTACT 1408624 Datasheet HTML 11Page - PHOENIX CONTACT 1408624 Datasheet HTML 12Page - PHOENIX CONTACT 1408624 Datasheet HTML 13Page - PHOENIX CONTACT 1408624 Datasheet HTML 14Page - PHOENIX CONTACT 1408624 Datasheet HTML 15Page - PHOENIX CONTACT Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 19 page
background image
Nominal voltage, cable
600 V
Test voltage Core/Core
2000 V (50 Hz, 1 min.)
Test voltage Core/Shield
2000 V (50 Hz, 1 min.)
Cable insulation resistance
≥ 500 MΩ*km
Coupling resistance
≤ 20.00 mΩ/m (at 10 MHz)
Wave impedance
100 Ω ±15 Ω (at 100 MHz)
Loop resistance
≤ 120.00 Ω/km
Working capacitance
52 pF
Signal runtime
5.3 ns/m
Minimum bending radius, fixed installation
4 x D
Minimum bending radius, flexible installation
8 x D
2.1 dB (with 1 MHz)
4 dB (at 4 МHz)
6.3 dB (at 10 MHz)
8 dB (at 16 MHz)
9 dB (at 20 МHz)
11.4 dB (at 31.25 МHz)
16.5 dB (at 62.5 МHz)
Damping
21.3 dB (at 100 MHz)
80 dB (with 1 MHz)
76 dB (at 4 МHz)
70 dB (at 10 MHz)
65 dB (at 16 MHz)
63 dB (at 20 МHz)
60 dB (at 31.25 МHz)
55 dB (at 62.5 МHz)
Near end crosstalk attenuation (NEXT)
50 dB (at 100 MHz)
-40 °C ... 80 °C (Cable, flexible installation)
Ambient temperature (operation)
-40 °C ... 80 °C
Environmental and real-life conditions
Ambient conditions
IP65
IP67
Degree of protection
IP65/IP67
Ambient temperature (operation)
-25 °C ... 90 °C (M12 connector)
Standards and regulations
M12
Standards/specifications
IEC 61076-2-101
NBC-MRD-MRD SCO-PN/.../... - Network cable
1408624
https://www.phoenixcontact.com/us/products/1408624
Jul 11, 2023, 4:44 AM
Page 11 (19)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com