Electronic Components Datasheet Search
  English  ▼

X  

MC68340 Datasheet(PDF) 214 Page - Freescale Semiconductor, Inc

Part # MC68340
Description  Integrated Processor with DMA User?셲 Manual
PDF  441 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC68340 Datasheet(HTML) 214 Page - Freescale Semiconductor, Inc

Back Button MC68340 Datasheet HTML 210Page - Freescale Semiconductor, Inc MC68340 Datasheet HTML 211Page - Freescale Semiconductor, Inc MC68340 Datasheet HTML 212Page - Freescale Semiconductor, Inc MC68340 Datasheet HTML 213Page - Freescale Semiconductor, Inc MC68340 Datasheet HTML 214Page - Freescale Semiconductor, Inc MC68340 Datasheet HTML 215Page - Freescale Semiconductor, Inc MC68340 Datasheet HTML 216Page - Freescale Semiconductor, Inc MC68340 Datasheet HTML 217Page - Freescale Semiconductor, Inc MC68340 Datasheet HTML 218Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 214 / 441 page
background image
MOTOROLA
MC68340 USER’S MANUAL
5- 77
Result Data:
The contents of the selected register are returned as a long-word value. The data is
returned most significant word first.
5.6.2.8.5 Write A/D Register (WAREG/WDREG). The operand (long-word) data is written
to the specified address or data register. All 32 bits of the register are altered by the write.
Command Format:
15
14
13
12
11
10
98765432
0
001000001000
A/D
REGISTER
Command Sequence:
WDREG/WAREG
???
MS DATA
XXX
"ILLEGAL"
LS DATA
"NOT READY"
NEXT CMD
"NOT READY"
"CMD COMPLETE"
NEXT CMD
"NOT READY"
Operand Data:
Long-word data is written into the specified address or data register. The data is
supplied most significant word first.
Result Data:
Command complete status ($0FFFF) is returned when register write is complete.
5.6.2.8.6 Read System Register (RSREG). The specified system control register is read.
All registers that can be read in supervisor mode can be read in BDM. Several internal
temporary registers are also accessible.
Command Format:
15
14
13
12
11
10
9876543
0
001001001000
REGISTER
Command Sequence:
RSREG
???
XXX
MS RESULT
XXX
"ILLEGAL"
NEXT CMD
LS RESULT
NEXT CMD
"NOT READY"
Operand Data:
None
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com