Electronic Components Datasheet Search
  English  ▼

X  

MC68340 Datasheet(PDF) 215 Page - Freescale Semiconductor, Inc

Part # MC68340
Description  Integrated Processor with DMA User?셲 Manual
PDF  441 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC68340 Datasheet(HTML) 215 Page - Freescale Semiconductor, Inc

Back Button MC68340 Datasheet HTML 211Page - Freescale Semiconductor, Inc MC68340 Datasheet HTML 212Page - Freescale Semiconductor, Inc MC68340 Datasheet HTML 213Page - Freescale Semiconductor, Inc MC68340 Datasheet HTML 214Page - Freescale Semiconductor, Inc MC68340 Datasheet HTML 215Page - Freescale Semiconductor, Inc MC68340 Datasheet HTML 216Page - Freescale Semiconductor, Inc MC68340 Datasheet HTML 217Page - Freescale Semiconductor, Inc MC68340 Datasheet HTML 218Page - Freescale Semiconductor, Inc MC68340 Datasheet HTML 219Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 215 / 441 page
background image
5- 78
MC68340 USER’S MANUAL
MOTOROLA
Result Data:
Always returns 32 bits of data, regardless of the size of the register being read. If the
register is less than 32 bits, the result is returned zero extended.
Register Field:
The system control register is specified by the register field (see Table 5-24).
Table 5-24. Register Field for RSREG and WSREG
System Register
Select Code
Return Program Counter (RPC)
0000
Current Instruction Program Counter (PCC)
0001
Status Register (SR)
1011
User Stack Pointer (USP)
1100
Supervisor Stack Pointer (SSP)
1101
Source Function Code Register (SFC)
1110
Destination Function Code Register (DFC)
1111
Temporary Register A (ATEMP)
1000
Fault Address Register (FAR)
1001
Vector Base Register (VBR)
1010
5.6.2.8.7 Write System Register (WSREG). Operand data is written into the specified
system control register. All registers that can be written in supervisor mode can be written
in BDM. Several internal temporary registers are also accessible.
Command Format:
15
14
13
12
11
10
9876543
0
001001001000
REGISTER
Command Sequence:
MS DATA
XXX
"ILLEGAL"
LS DATA
"NOT READY"
NEXT CMD
"NOT READY"
"CMD COMPLETE"
NEXT CMD
WSREG
???
"NOT READY"
Operand Data:
The data to be written into the register is always supplied as a 32-bit long word. If the
register is less than 32 bits, the least significant word is used.
Result Data:
“Command complete” status is returned when register write is complete.
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com