Electronic Components Datasheet Search
  English  ▼

X  

MC68340 Datasheet(PDF) 216 Page - Freescale Semiconductor, Inc

Part # MC68340
Description  Integrated Processor with DMA User?셲 Manual
PDF  441 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC68340 Datasheet(HTML) 216 Page - Freescale Semiconductor, Inc

Back Button MC68340 Datasheet HTML 212Page - Freescale Semiconductor, Inc MC68340 Datasheet HTML 213Page - Freescale Semiconductor, Inc MC68340 Datasheet HTML 214Page - Freescale Semiconductor, Inc MC68340 Datasheet HTML 215Page - Freescale Semiconductor, Inc MC68340 Datasheet HTML 216Page - Freescale Semiconductor, Inc MC68340 Datasheet HTML 217Page - Freescale Semiconductor, Inc MC68340 Datasheet HTML 218Page - Freescale Semiconductor, Inc MC68340 Datasheet HTML 219Page - Freescale Semiconductor, Inc MC68340 Datasheet HTML 220Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 216 / 441 page
background image
MOTOROLA
MC68340 USER’S MANUAL
5- 79
Register Field:
The system control register is specified by the register field (see Table 5-24). The FAR
is a read-only register—any write to it is ignored.
5.6.2.8.8 Read Memory Location (READ). Read the sized data at the memory location
specified by the long-word address. Only absolute addressing is supported. The SFC
register determines the address space accessed. Valid data sizes include byte, word, or
long word.
Command Format:
15
14
13
12
11
10
9876543210
00011001
OP SIZE
000000
Command Sequence:
MS ADDR
"NOT READY"
XXX
"ILLEGAL"
LS ADDR
"NOT READY"
NEXT CMD
"NOT READY"
READ (B/W)
???
NEXT CMD
"NOT READY"
XXX
"NOT READY"
NEXT CMD
RESULT
XXX
BERR/AERR
READ
MEMORY
LOCATION
MS ADDR
"NOT READY"
XXX
"ILLEGAL"
LS ADDR
"NOT READY"
NEXT CMD
"NOT READY"
READ (LONG)
???
NEXT CMD
XXX
"NOT READY"
MS RESULT
XXX
BERR/AERR
READ
MEMORY
LOCATION
XXX
NEXT CMD
LS RESULT
"NOT READY"
Operand Data:
The single operand is the long-word address of the requested memory location.
Result Data:
The requested data is returned as either a word or long word. Byte data is returned in
the least significant byte of a word result, with the upper byte cleared. Word results
return 16 bits of significant data; long-word results return 32 bits.
A successful read operation returns data bit 16 cleared. If a bus or address error is
encountered, the returned data is $10001.
5.6.2.8.9 Write Memory Location (WRITE). Write the operand data to the memory
location specified by the long-word address. The DFC register determines the address
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com