Electronic Components Datasheet Search
  English  ▼

X  

MC68340 Datasheet(PDF) 312 Page - Freescale Semiconductor, Inc

Part # MC68340
Description  Integrated Processor with DMA User?셲 Manual
PDF  441 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC68340 Datasheet(HTML) 312 Page - Freescale Semiconductor, Inc

Back Button MC68340 Datasheet HTML 308Page - Freescale Semiconductor, Inc MC68340 Datasheet HTML 309Page - Freescale Semiconductor, Inc MC68340 Datasheet HTML 310Page - Freescale Semiconductor, Inc MC68340 Datasheet HTML 311Page - Freescale Semiconductor, Inc MC68340 Datasheet HTML 312Page - Freescale Semiconductor, Inc MC68340 Datasheet HTML 313Page - Freescale Semiconductor, Inc MC68340 Datasheet HTML 314Page - Freescale Semiconductor, Inc MC68340 Datasheet HTML 315Page - Freescale Semiconductor, Inc MC68340 Datasheet HTML 316Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 312 / 441 page
background image
MOTOROLA
MC68340 USER’S MANUAL
7- 17
RxRDY bit and loads the character into the receiver holding register FIFO stack provided
the received A/D bit is a one (address tag). The character is discarded if the received A/D
bit is a zero (data tag). If the receiver is enabled, all received characters are transferred to
the CPU32 via the receiver holding register stack during read operations.
In either case, the data bits are loaded into the data portion of the stack while the A/D bit
is loaded into the status portion of the stack normally used for a parity error (SR bit 5).
Framing error, overrun error, and break detection operate normally. The A/D bit takes the
place of the parity bit; therefore, parity is neither calculated nor checked. Messages in this
mode may still contain error detection and correction information. One way to provide
error detection, if 8-bit characters are not required, is to use software to calculate parity
and append it to the 5-, 6-, or 7-bit character.
7.3.5 Bus Operation
This section describes the operation of the IMB during read, write, and interrupt
acknowledge cycles to the serial module. All serial module registers must be accessed as
bytes.
7.3.5.1 READ CYCLES. The serial module is accessed by the CPU32 with no wait states.
The serial module responds to byte reads. Reserved registers return logic zero during
reads.
7.3.5.2 WRITE CYCLES. The serial module is accessed by the CPU32 with no wait
states. The serial module responds to byte writes. Write cycles to read-only registers and
reserved registers complete in a normal manner without exception processing; however,
the data is ignored.
7.3.5.3 INTERRUPT ACKNOWLEDGE CYCLES. The serial module is capable of
arbitrating for interrupt servicing and supplying the interrupt vector when it has
successfully won arbitration. The vector number must be provided if interrupt servicing is
necessary; thus, the interrupt vector register (IVR) must be initialized. If the IVR is not
initialized, a spurious interrupt exception will be taken if interrupts are generated.
7.4 REGISTER DESCRIPTION AND PROGRAMMING
This section contains a detailed description of each register and its specific function as
well as flowcharts of basic serial module programming.
7.4.1 Register Description
The operation of the serial module is controlled by writing control bytes into the
appropriate registers. A list of serial module registers and their associated addresses are
shown in Figure 7-9. The mode, status, command, and clock-select registers are
duplicated for each channel to provide independent operation and control.
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com