Electronic Components Datasheet Search
  English  ▼

X  

ADR440 Datasheet(PDF) 4 Page - Analog Devices

Part # ADR440
Description  Ultralow Noise, LDO XFET Voltage References with Current Sink and Source
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADR440 Datasheet(HTML) 4 Page - Analog Devices

  ADR440 Datasheet HTML 1Page - Analog Devices ADR440 Datasheet HTML 2Page - Analog Devices ADR440 Datasheet HTML 3Page - Analog Devices ADR440 Datasheet HTML 4Page - Analog Devices ADR440 Datasheet HTML 5Page - Analog Devices ADR440 Datasheet HTML 6Page - Analog Devices ADR440 Datasheet HTML 7Page - Analog Devices ADR440 Datasheet HTML 8Page - Analog Devices ADR440 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
ADR440/ADR441/ADR443/ADR444/ADR445
Rev. A | Page 4 of 20
ADR441 ELECTRICAL CHARACTERISTICS
VIN = 3 V to 18 V, TA = 25°C, CIN = COUT = 0.1 μF, unless otherwise noted.
Table 3.
Parameter
Symbol
Conditions
Min
Typ
Max
Unit
OUTPUT VOLTAGE
VO
A Grade
2.497
2.500
2.503
V
B Grade
2.499
2.500
2.501
V
INITIAL ACCURACY
VOERR
A Grade
3
mV
0.12
%
B Grade
1
mV
0.04
%
TEMPERATURE DRIFT
TCVO
A Grade
−40°C < TA < +125°C
2
10
ppm/°C
B Grade
−40°C < TA < +125°C
1
3
ppm/°C
LINE REGULATION
ΔVO/ΔVIN
−40°C < TA < +125°C
10
20
ppm/V
LOAD REGULATION
ΔVO/ΔILOAD
ILOAD = 0 mA to 10 mA, VIN = 4 V,
−40°C < TA < +125°C
−50
+50
ppm/mA
ΔVO/ΔILOAD
ILOAD = 0 mA to −5 mA, VIN = 4 V,
−40°C < TA < +125°C
−50
+50
ppm/mA
QUIESCENT CURRENT
IIN
No load, −40°C < TA < +125°C
3
3.75
mA
VOLTAGE NOISE
eN p-p
0.1 Hz to 10 Hz
1.2
μV p-p
VOLTAGE NOISE DENSITY
eN
1 kHz
48
nV/√Hz
TURN-ON SETTLING TIME
tR
10
μs
LONG-TERM STABILITY1
VO
1000 hours
50
ppm
OUTPUT VOLTAGE HYSTERESIS
VO_HYS
70
ppm
RIPPLE REJECTION RATIO
RRR
fIN = 10 kHz
−75
dB
SHORT CIRCUIT TO GND
ISC
27
mA
SUPPLY VOLTAGE OPERATING RANGE
VIN
3
18
V
SUPPLY VOLTAGE HEADROOM
VIN − VO
500
mV
1 The long-term stability specification is noncumulative. The drift in subsequent 1000-hour period is significantly lower than in the first 1000-hour period.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com