Electronic Components Datasheet Search
  English  ▼

X  

ADR440 Datasheet(PDF) 10 Page - Analog Devices

Part # ADR440
Description  Ultralow Noise, LDO XFET Voltage References with Current Sink and Source
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADR440 Datasheet(HTML) 10 Page - Analog Devices

Back Button ADR440 Datasheet HTML 6Page - Analog Devices ADR440 Datasheet HTML 7Page - Analog Devices ADR440 Datasheet HTML 8Page - Analog Devices ADR440 Datasheet HTML 9Page - Analog Devices ADR440 Datasheet HTML 10Page - Analog Devices ADR440 Datasheet HTML 11Page - Analog Devices ADR440 Datasheet HTML 12Page - Analog Devices ADR440 Datasheet HTML 13Page - Analog Devices ADR440 Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
ADR440/ADR441/ADR443/ADR444/ADR445
Rev. A | Page 10 of 20
TEMPERATURE (
°C)
4.0
3.5
3.0
2.5
2.0
–40
5
–10
–25
50
35
20
110
95
80
65
125
Figure 9. ADR441 Supply Current vs. Temperature
INPUT VOLTAGE (V)
3.5
3.4
3.2
3.3
3.0
2.9
2.8
2.7
2.6
3.1
2.5
5.3
9.3
7.3
13.3
11.3
17.3
15.3
19.3
–40
°C
+125
°C
+25
°C
Figure 10. ADR445 Supply Current vs. Input Voltage
TEMPERATURE (°C)
3.25
3.15
3.05
2.95
2.85
2.75
–40
5
–10
–25
50
35
20
110
95
80
65
125
Figure 11. ADR445 Quiescent Current vs. Temperature
TEMPERATURE (°C)
10
8
6
2
4
0
–40
5
–10
–25
50
35
20
110
95
80
65
125
Figure 12. ADR441 Line Regulation vs. Temperature
TEMPERATURE (°C)
60
55
50
40
35
45
30
–40
5
–10
–25
50
35
20
110
95
80
65
125
VIN = 18V
ILOAD = 0mA TO 10mA
VIN = 6V
Figure 13. ADR441 Load Regulation vs. Temperature
TEMPERATURE (°C)
7
6
5
4
1
2
3
0
–40
5
–10
–25
50
35
20
110
95
80
65
125
Figure 14. ADR445 Line Regulation vs. Temperature



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com