Electronic Components Datasheet Search
  English  ▼

X  

BSH103 Datasheet(PDF) 7 Page - NXP Semiconductors

Part # BSH103
Description  N-channel enhancement mode MOS transistor
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BSH103 Datasheet(HTML) 7 Page - NXP Semiconductors

Back Button BSH103 Datasheet HTML 3Page - NXP Semiconductors BSH103 Datasheet HTML 4Page - NXP Semiconductors BSH103 Datasheet HTML 5Page - NXP Semiconductors BSH103 Datasheet HTML 6Page - NXP Semiconductors BSH103 Datasheet HTML 7Page - NXP Semiconductors BSH103 Datasheet HTML 8Page - NXP Semiconductors BSH103 Datasheet HTML 9Page - NXP Semiconductors BSH103 Datasheet HTML 10Page - NXP Semiconductors BSH103 Datasheet HTML 11Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
1998 Feb 11
7
Philips Semiconductors
Product specification
N-channel enhancement mode
MOS transistor
BSH103
Fig.8
Transfer characteristic; typical values.
VDS = 10 V; Tamb =25 °C; tp = 300 µs; δ =0.
handbook, halfpage
0
4
3
2
1
0
3
MBK506
12
VGS (V)
ID
(A)
Fig.9
Capacitance as a function of drain-source
voltage; typical values.
VGS = 0 ; f = 1 MHz; Tamb =25 °C.
handbook, halfpage
0
300
200
100
0
30
MBK504
10
20
C
(pF)
VDS (V)
Ciss
Coss
Crss
Fig.10 Source current as a function of source-drain
diode forward voltage; typical values.
VGD =0.
(1) Tamb = 150 °C.
(2) Tamb =25 °C.
(3) Tamb = −65 °C.
handbook, halfpage
0
0.4
1.2
2
0
0.4
1.6
1.2
0.8
MBK508
0.8
VSD (V)
IS
(A)
(2)
(3)
(1)
Fig.11 Drain-source on-state resistance as a function
of gate-source voltage; typical values.
Tamb =25 °C; tp = 300 µs; δ =0.
(1) ID = 0.1 A.
(2) ID = 0.22 A.
(3) ID = 0.45 A.
(4) ID = 0.9 A.
(5) ID = 1.8 A.
(6) ID = 3.6 A.
handbook, halfpage
10
10−1
1
10
6
24
0
MBK509
8
(5)
(4)
(3)
(2)
(1)
RDSon
(
Ω)
VGS (V)
(6)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com