Electronic Components Datasheet Search
  English  ▼

X  

BSH103 Datasheet(PDF) 2 Page - NXP Semiconductors

Part # BSH103
Description  N-channel enhancement mode MOS transistor
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BSH103 Datasheet(HTML) 2 Page - NXP Semiconductors

  BSH103 Datasheet HTML 1Page - NXP Semiconductors BSH103 Datasheet HTML 2Page - NXP Semiconductors BSH103 Datasheet HTML 3Page - NXP Semiconductors BSH103 Datasheet HTML 4Page - NXP Semiconductors BSH103 Datasheet HTML 5Page - NXP Semiconductors BSH103 Datasheet HTML 6Page - NXP Semiconductors BSH103 Datasheet HTML 7Page - NXP Semiconductors BSH103 Datasheet HTML 8Page - NXP Semiconductors BSH103 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
1998 Feb 11
2
Philips Semiconductors
Product specification
N-channel enhancement mode
MOS transistor
BSH103
FEATURES
• Very low threshold
• High-speed switching
• No secondary breakdown
• Direct interface to C-MOS, TTL etc.
APPLICATIONS
• Power management
• DC to DC converters
• Battery powered applications
• ‘Glue-logic’; interface between logic blocks and/or
periphery
• General purpose switch.
DESCRIPTION
N-channel enhancement mode MOS transistor in a SOT23
SMD package.
PINNING - SOT23
PIN
SYMBOL
DESCRIPTION
1
g
gate
2
s
source
3
d
drain
Fig.1 Simplified outline and symbol.
handbook, halfpage
MAM273
2
1
3
Top view
s
d
g
QUICK REFERENCE DATA
SYMBOL
PARAMETERS
CONDITIONS
MIN.
MAX.
UNIT
VDS
drain-source voltage (DC)
−
30
V
VSD
source-drain diode forward voltage
VGD = 0; IS = 0.5 A
−
1V
VGS
gate-source voltage (DC)
−±8V
VGSth
gate-source threshold voltage
VDS =VGS; ID = 1 mA
0.4
−
V
ID
drain current (DC)
Ts =80 °C
−
0.85
A
RDSon
drain-source on-state resistance
VGS = 2.5 V; ID = 0.5 A
−
0.5
Ω
Ptot
total power dissipation
Ts =80 °C
−
0.5
W
CAUTION
This product is supplied in anti-static packing to prevent damage caused by electrostatic discharge during transport
and handling. For further information, refer to Philips specs.: SNW-EQ-608, SNW-FQ-302A and SNW-FQ-302B.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com