Electronic Components Datasheet Search
  English  ▼

X  

ADR365 Datasheet(PDF) 13 Page - Analog Devices

Part # ADR365
Description  Low Power, Low Noise Voltage References with Sink/Source Capability
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADR365 Datasheet(HTML) 13 Page - Analog Devices

Back Button ADR365 Datasheet HTML 9Page - Analog Devices ADR365 Datasheet HTML 10Page - Analog Devices ADR365 Datasheet HTML 11Page - Analog Devices ADR365 Datasheet HTML 12Page - Analog Devices ADR365 Datasheet HTML 13Page - Analog Devices ADR365 Datasheet HTML 14Page - Analog Devices ADR365 Datasheet HTML 15Page - Analog Devices ADR365 Datasheet HTML 16Page - Analog Devices ADR365 Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 20 page
background image
ADR360/ADR361/ADR363/ADR364/ADR365/ADR366
Rev. A | Page 13 of 20
1.8
0
–2
LOAD CURRENT (mA)
10
02468
+125
°C
–40
°C
+25
°C
1.6
1.4
1.2
1.0
0.8
0.6
0.4
0.2
Figure 14. ADR365 Minimum Input Voltage vs. Load Current
XX
XX
2
μV/DIV
TIME = 1s/DIV
Figure 15. ADR361 0.1 Hz to 10 Hz Noise
XX
XX
50
μV/DIV
TIME = 1s/DIV
Figure 16. ADR361 10 Hz to 10 kHz Noise
XX
XX
TIME = 1s/DIV
2
μV/DIV
Figure 17. ADR363 0.1 Hz to 10 kHz Noise
XX
XX
50
μV/DIV
TIME = 1s/DIV
Figure 18. ADR363 10 Hz to 10 kHz Noise
XX
XX
2
μV/DIV
TIME = 1s/DIV
Figure 19. ADR365 0.1 Hz to 10 Hz Noise



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com