Electronic Components Datasheet Search
  English  ▼

X  

ADR365 Datasheet(PDF) 19 Page - Analog Devices

Part # ADR365
Description  Low Power, Low Noise Voltage References with Sink/Source Capability
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADR365 Datasheet(HTML) 19 Page - Analog Devices

Back Button ADR365 Datasheet HTML 12Page - Analog Devices ADR365 Datasheet HTML 13Page - Analog Devices ADR365 Datasheet HTML 14Page - Analog Devices ADR365 Datasheet HTML 15Page - Analog Devices ADR365 Datasheet HTML 16Page - Analog Devices ADR365 Datasheet HTML 17Page - Analog Devices ADR365 Datasheet HTML 18Page - Analog Devices ADR365 Datasheet HTML 19Page - Analog Devices ADR365 Datasheet HTML 20Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 19 / 20 page
background image
ADR360/ADR361/ADR363/ADR364/ADR365/ADR366
Rev. 0 | Page 19 of 20
OUTLINE DIMENSIONS
*COMPLIANT TO JEDEC STANDARDS MO-193-AB WITH
THE EXCEPTION OF PACKAGE HEIGHT AND THICKNESS.
PIN 1
1.60 BSC
2.80 BSC
1.90
BSC
0.95 BSC
0.20
0.08
0.60
0.45
0.30
8°
4°
0°
0.50
0.30
0.10 MAX
SEATING
PLANE
*1.00 MAX
*0.90
0.87
0.84
2.90 BSC
54
12
3
Figure 38. 5-Lead Thin Small Outline Transistor Package [TSOT]
(UJ-5)
Dimensions shown in millimeters
ORDERING GUIDE
Output
Voltage
Initial Accuracy
Temperature
Coefficient
Models1
(VO)
(mV)
(%)
(ppm/°C)
Package
Description
Package
Option
Temperature
Range
Branding
ADR360AUJZ-REEL72
2.048
6
0.29
25
5-Lead TSOT
UJ-5
–40°C to +125°C
R0C
ADR360BUJZ-REEL72
2.048
3
0.15
9
5-Lead TSOT
UJ-5
–40°C to +125°C
R0D
ADR361AUJZ-REEL72
2.5
6
0.24
25
5-Lead TSOT
UJ-5
–40°C to +125°C
R0E
ADR361BUJZ-REEL72
2.5
3
0.12
9
5-Lead TSOT
UJ-5
–40°C to +125°C
R0F
ADR363AUJZ-REEL72
3.0
6
0.2
25
5-Lead TSOT
UJ-5
–40°C to +125°C
R0G
ADR363BUJZ-REEL72
3.0
3
0.1
9
5-Lead TSOT
UJ-5
–40°C to +125°C
R0H
ADR364AUJZ-REEL72
4.096
8
0.2
25
5-Lead TSOT
UJ-5
–40°C to +125°C
R0J
ADR364BUJZ-REEL72
4.096
4
0.1
9
5-Lead TSOT
UJ-5
–40°C to +125°C
R0K
ADR365AUJZ-REEL72
5.0
8
0.16
25
5-Lead TSOT
UJ-5
–40°C to +125°C
R0L
ADR365BUJZ-REEL72
5.0
4
0.08
9
5-Lead TSOT
UJ-5
–40°C to +125°C
R0M
ADR366AUJZ-REEL72
3.3
8
0.25
25
5-Lead TSOT
UJ-5
–40°C to +125°C
R08
ADR366BUJZ-REEL72
3.3
4
0.125
9
5-Lead TSOT
UJ-5
–40°C to +125°C
R09
1 3,000 pieces per reel.
2 Z = Pb-free part.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com