Electronic Components Datasheet Search
  English  ▼

X  

ADR440B Datasheet(PDF) 11 Page - Analog Devices

Part # ADR440B
Description  Ultralow Noise, LDO XFET Voltage References with Current Sink and Source
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADR440B Datasheet(HTML) 11 Page - Analog Devices

Back Button ADR440B Datasheet HTML 7Page - Analog Devices ADR440B Datasheet HTML 8Page - Analog Devices ADR440B Datasheet HTML 9Page - Analog Devices ADR440B Datasheet HTML 10Page - Analog Devices ADR440B Datasheet HTML 11Page - Analog Devices ADR440B Datasheet HTML 12Page - Analog Devices ADR440B Datasheet HTML 13Page - Analog Devices ADR440B Datasheet HTML 14Page - Analog Devices ADR440B Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
ADR440/ADR441/ADR443/ADR444/ADR445
Rev. A | Page 11 of 20
TEMPERATURE (°C)
50
40
30
20
–30
–40
–20
–10
0
10
–50
–40
5
–10
–25
50
35
20
110
95
80
65
125
ILOAD = 0mA TO +10mA
ILOAD = 0mA TO –5mA
VIN = 6V
Figure 15. ADR445 Load Regulation vs. Temperature
LOAD CURRENT (mA)
0.7
0.6
0.5
0.3
0.2
0.1
0.4
0
–10
–5
0
5
10
+125°C
–40°C
+25°C
Figure 16. ADR441 Minimum Input/Output
Differential Voltage vs. Load Current
TEMPERATURE (°C)
0.5
0.4
0.3
0.2
0.1
0
–40
5
–10
–25
50
35
20
110
95
80
65
125
NO LOAD
Figure 17. ADR441 Minimum Headroom vs. Temperature
LOAD CURRENT (mA)
1.0
0.9
0.8
0.7
0.6
0.5
0.3
0.2
0.1
0.4
0
–5
0
5
10
+125°C
–40°C
+25°C
Figure 18. ADR445 Minimum Input/Output
Differential Voltage vs. Load Current
TEMPERATURE (°C)
0.5
0.4
0.3
0.2
0.1
0
–40
5
–10
–25
50
35
20
110
95
80
65
125
NO LOAD
Figure 19. ADR445 Minimum Headroom vs. Temperature
VOUT = 1V/DIV
VIN = 5V/DIV
CIN, COUT = 0.1µF
TIME = 10µs/DIV
Figure 20. ADR441 Turn-On Response



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com