Electronic Components Datasheet Search
  English  ▼

X  

ADR440B Datasheet(PDF) 19 Page - Analog Devices

Part # ADR440B
Description  Ultralow Noise, LDO XFET Voltage References with Current Sink and Source
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADR440B Datasheet(HTML) 19 Page - Analog Devices

Back Button ADR440B Datasheet HTML 12Page - Analog Devices ADR440B Datasheet HTML 13Page - Analog Devices ADR440B Datasheet HTML 14Page - Analog Devices ADR440B Datasheet HTML 15Page - Analog Devices ADR440B Datasheet HTML 16Page - Analog Devices ADR440B Datasheet HTML 17Page - Analog Devices ADR440B Datasheet HTML 18Page - Analog Devices ADR440B Datasheet HTML 19Page - Analog Devices ADR440B Datasheet HTML 20Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 19 / 20 page
background image
ADR440/ADR441/ADR443/ADR444/ADR445
Rev. A | Page 19 of 20
ORDERING GUIDE
Initial
Accuracy, ±
Model
Output
Voltage (V)
(mV)
(%)
Temperature
Coefficient
Package (ppm/°C)
Package
Description
Branding
Temperature
Range
Package
Option
ADR440ARZ1
2.048
3
0.15
10
8-Lead SOIC_N
–40°C to +125°C
R-8
ADR440ARZ-REEL71
2.048
3
0.15
10
8-Lead SOIC_N
–40°C to +125°C
R-8
ADR440ARMZ1
2.048
3
0.15
10
8-Lead MSOP
R01
–40°C to +125°C
RM-8
ADR440ARMZ-REEL71
2.048
3
0.15
10
8-Lead MSOP
R01
–40°C to +125°C
RM-8
ADR440BRZ1
2.048
1
0.05
3
8-Lead SOIC_N
–40°C to +125°C
R-8
ADR440BRZ-REEL71
2.048
1
0.05
3
8-Lead SOIC_N
–40°C to +125°C
R-8
ADR441ARZ1
2.500
3
0.12
10
8-Lead SOIC_N
–40°C to +125°C
R-8
ADR441ARZ-REEL71
2.500
3
0.12
10
8-Lead SOIC_N
–40°C to +125°C
R-8
ADR441ARMZ1
2.500
3
0.12
10
8-Lead MSOP
R02
–40°C to +125°C
RM-8
ADR441ARMZ-REEL71
2.500
3
0.12
10
8-Lead MSOP
R02
–40°C to +125°C
RM-8
ADR441BRZ1
2.500
1
0.04
3
8-Lead SOIC_N
–40°C to +125°C
R-8
ADR441BRZ-REEL71
2.500
1
0.04
3
8-Lead SOIC_N
–40°C to +125°C
R-8
ADR443ARZ1
3.000
4
0.13
10
8-Lead SOIC_N
–40°C to +125°C
R-8
ADR443ARZ-REEL71
3.000
4
0.13
10
8-Lead SOIC_N
–40°C to +125°C
R-8
ADR443ARMZ1
3.000
4
0.13
10
8-Lead MSOP
R03
–40°C to +125°C
RM-8
ADR443ARMZ-REEL71
3.000
4
0.13
10
8-Lead MSOP
R03
–40°C to +125°C
RM-8
ADR443BRZ1
3.000
1.2
0.04
3
8-Lead SOIC_N
–40°C to +125°C
R-8
ADR443BRZ-REEL71
3.000
1.2
0.04
3
8-Lead SOIC_N
–40°C to +125°C
R-8
ADR444ARZ1
4.096
5
0.13
10
8-Lead SOIC_N
–40°C to +125°C
R-8
ADR444ARZ-REEL71
4.096
5
0.13
10
8-Lead SOIC_N
–40°C to +125°C
R-8
ADR444ARMZ1
4.096
5
0.13
10
8-Lead MSOP
R04
–40°C to +125°C
RM-8
ADR444ARMZ-REEL71
4.096
5
0.13
10
8-Lead MSOP
R04
–40°C to +125°C
RM-8
ADR444BRZ1
4.096
1.6
0.04
3
8-Lead SOIC_N
–40°C to +125°C
R-8
ADR444BRZ-REEL71
4.096
1.6
0.04
3
8-Lead SOIC_N
–40°C to +125°C
R-8
ADR445ARZ1
5.000
6
0.12
10
8-Lead SOIC_N
–40°C to +125°C
R-8
ADR445ARZ-REEL71
5.000
6
0.12
10
8-Lead SOIC_N
–40°C to +125°C
R-8
ADR445ARMZ1
5.000
6
0.12
10
8-Lead MSOP
R05
–40°C to +125°C
RM-8
ADR445ARMZ-REEL71
5.000
6
0.12
10
8-Lead MSOP
R05
–40°C to +125°C
RM-8
ADR445BRZ1
5.000
2
0.04
3
8-Lead SOIC_N
–40°C to +125°C
R-8
ADR445BRZ-REEL71
5.000
2
0.04
3
8-Lead SOIC_N
–40°C to +125°C
R-8
1 Z = Pb-free part.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com