Electronic Components Datasheet Search
  English  ▼

X  

BSH104 Datasheet(PDF) 2 Page - NXP Semiconductors

Part # BSH104
Description  N-channel enhancement mode MOS transistor
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BSH104 Datasheet(HTML) 2 Page - NXP Semiconductors

  BSH104 Datasheet HTML 1Page - NXP Semiconductors BSH104 Datasheet HTML 2Page - NXP Semiconductors BSH104 Datasheet HTML 3Page - NXP Semiconductors BSH104 Datasheet HTML 4Page - NXP Semiconductors BSH104 Datasheet HTML 5Page - NXP Semiconductors BSH104 Datasheet HTML 6Page - NXP Semiconductors BSH104 Datasheet HTML 7Page - NXP Semiconductors BSH104 Datasheet HTML 8Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
1997 Nov 26
2
Philips Semiconductors
Objective specification
N-channel enhancement mode
MOS transistor
BSH104
FEATURES
• High-speed switching
• No secondary breakdown
• Direct interface to C-MOS, TTL, etc.
• Very low threshold.
APPLICATIONS
• ‘Glue-logic’: interface between logic blocks and/or
periphery
• Power management
• DC to DC converters
• General purpose switch
• Battery powered applications.
DESCRIPTION
N-channel enhancement mode MOS transistor in a SOT23
SMD package.
CAUTION
The device is supplied in an antistatic package.
The gate-source input must be protected against static
discharge during transport or handling.
PINNING
PIN
SYMBOL
DESCRIPTION
1
g
gate
2
s
source
3
d
drain
Fig.1 Simplified outline (SOT23) and symbol.
handbook, halfpage
s
d
g
MAM273
2
1
3
Top view
QUICK REFERENCE DATA
SYMBOL
PARAMETER
CONDITIONS
MIN.
MAX.
UNIT
VDS
drain-source voltage (DC)
−
12
V
VSD
source-drain diode forward voltage
VGD = 0; IS = 0.5 A
−
1V
VGS
gate-source voltage (DC)
−±8V
VGSth
gate-source threshold voltage
VDS =VGS; ID =1mA
0.4
−
V
ID
drain current (DC)
Ts =80 °C
−
1.1
A
RDSon
drain-source on-state resistance
VGS = 2.5 V; ID = 0.65 A
−
0.3
Ω
Ptot
total power dissipation
Ts =80 °C
−
0.5
W



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com