Electronic Components Datasheet Search
  English  ▼

X  

ATR0635 Datasheet(PDF) 23 Page - ATMEL Corporation

Part # ATR0635
Description  ANTARIS4 Single-chip GPS Receiver SuperSense
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATR0635 Datasheet(HTML) 23 Page - ATMEL Corporation

Back Button ATR0635 Datasheet HTML 19Page - ATMEL Corporation ATR0635 Datasheet HTML 20Page - ATMEL Corporation ATR0635 Datasheet HTML 21Page - ATMEL Corporation ATR0635 Datasheet HTML 22Page - ATMEL Corporation ATR0635 Datasheet HTML 23Page - ATMEL Corporation ATR0635 Datasheet HTML 24Page - ATMEL Corporation ATR0635 Datasheet HTML 25Page - ATMEL Corporation ATR0635 Datasheet HTML 26Page - ATMEL Corporation ATR0635 Datasheet HTML 27Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 33 page
background image
23
4928C–GPS–06/06
ATR0635
Figure 4-3.
Connecting Example: Separate Power Supplies for RF and Digital Part Using 1.8V from Host System
ATR0635 internal
VDDUSB
0V or 3V to 3.6V
1.5V to 3.6V
ldoout
ldoen
ldoin
LDO18
LDO_IN
1 µF
(X7R)
VDDIO
LDO_EN
VDD18
LDO_OUT
USB SM and
transceiver
1.8V to 3.3V
variable I/O domain
RTC
backup memory
Core
vbat18
vbat
VDD
ldobat_in
LDOBAT
LDOBAT_IN
VBAT
VBAT18
RF
VCC1
VCC2
VBP
VDIG
2.7V to 3.3V
2.3V to 3.6V
1 µF
(X7R)
1.65V to 1.95V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com