Electronic Components Datasheet Search
  English  ▼

X  

ATR0635 Datasheet(PDF) 29 Page - ATMEL Corporation

Part # ATR0635
Description  ANTARIS4 Single-chip GPS Receiver SuperSense
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATR0635 Datasheet(HTML) 29 Page - ATMEL Corporation

Back Button ATR0635 Datasheet HTML 25Page - ATMEL Corporation ATR0635 Datasheet HTML 26Page - ATMEL Corporation ATR0635 Datasheet HTML 27Page - ATMEL Corporation ATR0635 Datasheet HTML 28Page - ATMEL Corporation ATR0635 Datasheet HTML 29Page - ATMEL Corporation ATR0635 Datasheet HTML 30Page - ATMEL Corporation ATR0635 Datasheet HTML 31Page - ATMEL Corporation ATR0635 Datasheet HTML 32Page - ATMEL Corporation ATR0635 Datasheet HTML 33Page - ATMEL Corporation  
Zoom Inzoom in Zoom Outzoom out
 29 / 33 page
background image
29
4928C–GPS–06/06
ATR0635
2.4
AGC cut-off frequency
Cext = open
A4
f3dB_AGC
250
kHz
2.5
AGC cut-off frequency
Cext = 100 pF
A4
f3dB_AGC
33
kHz
2.6
Gain-control output
voltage
A4
V
AGCO
0.9
2.3
V
3PMSS
3.1
Voltage level power-on
F4, G4, H4
V
PU,on
1.3
V
3.2
Voltage level power-off
F4, G4, H4
V
PU,off
0.5
V
4LDO18(1)
4.1
Output voltage
LDO_OUT
1.65
1.8
1.95
V
4.2
Output current
LDO_OUT
80
mA
4.3
Current consumption
After startup, no load
80
µA
4.4
Current consumption
Standby mode
(LDO_EN = 0)
15
µA
5LDOBAT(2)
5.1
Output voltage(3)
VBAT18
1.65
1.8
1.95
V
5.2
Current consumption
LDOBAT_IN(4)
After startup (sleep/backup
mode), at room
temperature
15
µA
5.3
Current consumption
VBAT
After startup (backup mode
and LDOBAT_IN = 0V), at
room temperature
10
µA
5.4
Current consumption
After startup (normal
mode), at room
temperature
1.5
mA
6Core
6.1
DC supply voltage VDD18
VO,18
0
VDD18
V
6.2
DC supply voltage VDDIO
VO,IO
0
VDDIO
V
6.3
Low-level input voltage
VDD18 domain
VDD18 = 1.65V to 1.95V
V
IL,18
–0.3
0.3
×
VDD18
V
6.4
High-level input voltage
VDD18 domain
VDD18 = 1.65V to 1.95V
VIH,18
0.7
×
VDD18
VDD18 +
0.3
V
6.5
Schmitt trigger threshold
rising
VDD18 = 1.65V to 1.95V
CLK23
Vth+,CLK23
0.7
×
VDD18
V
6.6
Schmitt trigger threshold
falling
VDD18 = 1.65V to 1.95V
CLK23
V
th-,CLK23
0.3
×
VDD18
V
6.7
Schmitt trigger hysteresis
VDD18 = 1.65V to 1.95V
CLK23
Vhyst,CLK23
0.3
0.55
V
9.
Electrical Characteristics (Continued)
If no additional information is given in column Test Conditions, the values apply to temperature range from –40°C to +85°C.
No.
Parameters
Test Conditions
Pin
Symbol
Min
Typ
Max
Unit
Notes:
1. The LDO18 is a built in low dropout voltage regulator, which can be used if the host system does not provide the core volt-
age VDD18.
2. The LDOBAT is a built in low dropout voltage regulator, which provides the supply voltage VBAT18 for the RTC, backup
SRAM, P9, P13, P22, P31, NSLEEP and NSHDN. The LDOBAT voltage regulator switches in battery mode if LDOBAT_IN
falls below 1.5V.
3. Supply voltage VBAT18 for backup domain is generated internally by the LDOBAT.
4. If no current is caused by outputs (pad output current as well as current across internal pull-up resistors)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com