Electronic Components Datasheet Search
  English  ▼

X  

BSH201 Datasheet(PDF) 5 Page - NXP Semiconductors

Part # BSH201
Description  P-channel enhancement mode MOS transistor
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BSH201 Datasheet(HTML) 5 Page - NXP Semiconductors

  BSH201 Datasheet HTML 1Page - NXP Semiconductors BSH201 Datasheet HTML 2Page - NXP Semiconductors BSH201 Datasheet HTML 3Page - NXP Semiconductors BSH201 Datasheet HTML 4Page - NXP Semiconductors BSH201 Datasheet HTML 5Page - NXP Semiconductors BSH201 Datasheet HTML 6Page - NXP Semiconductors BSH201 Datasheet HTML 7Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
Philips Semiconductors
Product specification
P-channel enhancement mode
BSH201
MOS transistor
Fig.13. Typical turn-on gate-charge characteristics.
V
GS = f(QG)
Fig.14. Typical reverse diode current.
I
F = f(VSDS); conditions: VGS = 0 V; parameter Tj
BSH201
-14
-12
-10
-8
-6
-4
-2
0
01
23
45
Gate charge, (nC)
Gate-source voltage, VGS (V)
VDD = 10 V
RD = 20 Ohms
Tj = 25 C
BSH201
0
0.5
1
1.5
2
2.5
3
3.5
0
0.5
1
1.5
2
Drain-Source Voltage, VSDS (V)
Source-Drain Diode Current, IF (A)
Tj = 25 C
150 C
August 1998
5
Rev 1.000



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com