Electronic Components Datasheet Search
  English  ▼

X  

AD1970JSTZ Datasheet(PDF) 6 Page - Analog Devices

Part # AD1970JSTZ
Description  Digital BTSC Encoder with Integrated ADC and DAC
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD1970JSTZ Datasheet(HTML) 6 Page - Analog Devices

Back Button AD1970JSTZ Datasheet HTML 2Page - Analog Devices AD1970JSTZ Datasheet HTML 3Page - Analog Devices AD1970JSTZ Datasheet HTML 4Page - Analog Devices AD1970JSTZ Datasheet HTML 5Page - Analog Devices AD1970JSTZ Datasheet HTML 6Page - Analog Devices AD1970JSTZ Datasheet HTML 7Page - Analog Devices AD1970JSTZ Datasheet HTML 8Page - Analog Devices AD1970JSTZ Datasheet HTML 9Page - Analog Devices AD1970JSTZ Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
AD1970
Rev. 0 | Page 6 of 20
ABSOLUTE MAXIMUM RATINGS
Table 11.
Min
Max
Unit
DVDD to DGND
–0.3
+3.95
V
ODVDD to DGND
–0.3
+3.95
V
AVDD to AGND
–0.3
+3.95
V
Digital Inputs
DGND – 0.3
DVDD + 0.3
V
Analog Inputs
AGND – 0.3
AVDD + 0.3
V
AGND to DGND
–0.3
+0.3
V
Reference Voltage
(AVDD + 0.3)/2
V
Maximum Junction
Temperature
+125
°C
Storage Temperature
Range
–65
+150
°C
Stresses above those listed under Absolute Maximum Ratings
may cause permanent damage to the device. This is a stress
rating only and functional operation of the device at these or
any other conditions above those indicated in the operational
section of this specification is not implied. Exposure to absolute
maximum rating conditions for extended periods may affect
device reliability.
PACKAGE CHARACTERISTICS (48-LEAD LQFP)
Table 12.
Min
Typ
Max
Unit
θJA (Thermal Resistance
[Junction-to-Ambient])
72
°C/W
θJC (Thermal Resistance
[Junction-to-Case])
19.5
°C/W
ESD CAUTION
ESD (electrostatic discharge) sensitive device. Electrostatic charges as high as 4000 V readily accumulate on the
human body and test equipment and can discharge without detection. Although this product features
proprietary ESD protection circuitry, permanent damage may occur on devices subjected to high energy
electrostatic discharges. Therefore, proper ESD precautions are recommended to avoid performance
degradation or loss of functionality.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com