Electronic Components Datasheet Search
  English  ▼

X  

AD1970JSTZ Datasheet(PDF) 13 Page - Analog Devices

Part # AD1970JSTZ
Description  Digital BTSC Encoder with Integrated ADC and DAC
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD1970JSTZ Datasheet(HTML) 13 Page - Analog Devices

Back Button AD1970JSTZ Datasheet HTML 9Page - Analog Devices AD1970JSTZ Datasheet HTML 10Page - Analog Devices AD1970JSTZ Datasheet HTML 11Page - Analog Devices AD1970JSTZ Datasheet HTML 12Page - Analog Devices AD1970JSTZ Datasheet HTML 13Page - Analog Devices AD1970JSTZ Datasheet HTML 14Page - Analog Devices AD1970JSTZ Datasheet HTML 15Page - Analog Devices AD1970JSTZ Datasheet HTML 16Page - Analog Devices AD1970JSTZ Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 20 page
background image
AD1970
Rev. 0 | Page 13 of 20
INPUT LEVEL CONTROL
This register location controls the input level of both the left
and right channels to the AD1970 BTSC encoding algorithm.
The register defaults to a value of 1.0 (0100000000000000000000
in binary 2.20 format) and allows a maximum of 12 dB of gain
at a full-scale value. This feature allows compatibility with the
Dolby digital specification for proper operation in both RF
mode and line mode. In RF mode, the dialog level is specified at
11 dB higher than the dialog level in line mode. A gain of 11 dB
can be achieved by writing 1.8836 to Address 0.
OUTPUT LEVEL CONTROL
The level control of the BTSC-encoded output is controlled
in this register location. The default value is 0.5 (–6 dB,
0010000000000000000000 in binary 2.20 format), or 250 mV
on the DAC output. The output level should not be used as a
volume control. Its intended use, in conjunction with the output
filter, is to match the level with the expected input of the BTSC
decoder. Matching these allows maximum separation between
the left and right encoded channels.
Control Register 1
Control Register 1 is an 11-bit register that controls serial
modes, de-emphasis, mute, power-down, and I2C-to-memory
transfers. Table 18 documents the contents of this register.
Bits 5:4 and 10:8 are reserved and should be set to 0 at all times.
The audio signal is muted with Bit 7 of the control register.
The soft power-down bit (Bit 6) stops the internal clocks to the
DSP core, but does not reset the part. The digital power
consumption is reduced to a low level when this bit is asserted.
Reset can only be asserted using the external reset pin.
Bits 3:2 select the serial format from one of four modes. These
different formats are discussed in the section of this data sheet.
The word length bits (1:0) are used in right-justified serial
modes to determine where the MSB is located relative to the
start of the audio frame.
Table 18. Control Register 1 Write
Register Bits
Function
10:8
Reserved, set to 000
7
Soft mute (1 = start mute sequence)
6
Soft power-down (1 = power-down)
5:4
Reserved, set to 00
3:2
Serial-In mode
00 = I2S
01 = Right-justified
10 = DSP
11 = Left-justified
1:0
Word length
00 = 24 bits
01 = 20 bits
10 = 16 bits
11 = 16 bits
Table 19. Control Register 1 Read
Register Bits
Function
5:2
GPIO 3:0 read back
1:0
Reserved
Control Register 2
Control Register 2 is a 22-bit write-only register that controls
power down modes, PLL and sync separator controls, and
digital I/O pin functions.
Table 20. Control Register 2
Register Bits
Function
21
Enable ADC output on serial audio interface
20
Reserved
19:16
GPIO output enable 3:0
15:12
GPIO data
11:9
PLL shift, default 100
8:4
Sync separator slicer voltage; default 10111
3
ADC power-down
2
Reference power-down
1
DAC power-down
0
PLL power-down
ADC Volume Control Register
This controls the input level of both ADC channels. The default
value is 1.0 (0100000000000000000000 in binary 2.20 format).
Stereo Spreading Register
This register controls ADI’s patented Phat Stereo spatial
enhancement algorithm. The default is all 0s, which
corresponds to no effect. The maximum setting is
0100000000000000000000 or a twos complement fractional
value of 1.0. Note that the bass energy in each channel is
increased using this algorithm, which may cause some digital
clipping on full-scale signal peaks, especially at low frequencies.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com