Electronic Components Datasheet Search
  English  ▼

X  

AD1937XSTZ Datasheet(PDF) 22 Page - Analog Devices

Part # AD1937XSTZ
Description  4 ADC/8 DAC with PLL, 192 kHz, 24 Bit CODEC
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD1937XSTZ Datasheet(HTML) 22 Page - Analog Devices

Back Button AD1937XSTZ Datasheet HTML 18Page - Analog Devices AD1937XSTZ Datasheet HTML 19Page - Analog Devices AD1937XSTZ Datasheet HTML 20Page - Analog Devices AD1937XSTZ Datasheet HTML 21Page - Analog Devices AD1937XSTZ Datasheet HTML 22Page - Analog Devices AD1937XSTZ Datasheet HTML 23Page - Analog Devices AD1937XSTZ Datasheet HTML 24Page - Analog Devices AD1937XSTZ Datasheet HTML 25Page - Analog Devices AD1937XSTZ Datasheet HTML 26Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 30 page
background image
AD1935/AD1936/AD1937/AD1938/AD1939
Preliminary Technical Data
Rev. Pr
I | Page 22 of 30
Figure 27. Recommended Loop Filters for LRCLK or MCLK PLL reference.
Figure 28. Recommended 3.3V Regulator Circuit (64-lead versions)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com