Electronic Components Datasheet Search
  English  ▼

X  

AD1937XSTZ Datasheet(PDF) 30 Page - Analog Devices

Part # AD1937XSTZ
Description  4 ADC/8 DAC with PLL, 192 kHz, 24 Bit CODEC
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD1937XSTZ Datasheet(HTML) 30 Page - Analog Devices

Back Button AD1937XSTZ Datasheet HTML 22Page - Analog Devices AD1937XSTZ Datasheet HTML 23Page - Analog Devices AD1937XSTZ Datasheet HTML 24Page - Analog Devices AD1937XSTZ Datasheet HTML 25Page - Analog Devices AD1937XSTZ Datasheet HTML 26Page - Analog Devices AD1937XSTZ Datasheet HTML 27Page - Analog Devices AD1937XSTZ Datasheet HTML 28Page - Analog Devices AD1937XSTZ Datasheet HTML 29Page - Analog Devices AD1937XSTZ Datasheet HTML 30Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 30 / 30 page
background image
AD1935/AD1936/AD1937/AD1938/AD1939
Preliminary Technical Data
Rev. Pr
I | Page 30 of 30
Ordering Guide
AD193X Products
Temperature Package (ambient)
Package Description
Package Option
AD1935XSTZ
–40°C to +105°C
64-Lead LQFP, SE out, SPI control w/ reg
ST-64
AD1935XSTZRL
–40°C to +105°C
64-Lead LQFP, SE out, SPI control w/ reg
ST-64 on 13” Reels
AD1936XSTZ
–40°C to +105°C
48-Lead LQFP, SE out, I2C control
ST-48
AD1936XSTZRL
–40°C to +105°C
48-Lead LQFP, SE out, I2C control
ST-48 on 13” Reels
AD1937XSTZ
–40°C to +105°C
64-Lead LQFP, Diff out, I2C control
ST-64
AD1937XSTZRL
–40°C to +105°C
64-Lead LQFP, Diff out, I2C control
ST-64 on 13” Reels
AD1938XSTZ
–40°C to +105°C
48-Lead LQFP, SE out, SPI control
ST-48
AD1938XSTZRL
–40°C to +105°C
48-Lead LQFP, SE out, SPI control
ST-48 on 13” Reels
AD1939XSTZ
–40°C to +105°C
64-Lead LQFP, Diff out, SPI control
ST-64
AD1939XSTZRL
–40°C to +105°C
64-Lead LQFP, Diff out, SPI control
ST-64 on 13” Reels
EVAL-AD1935EB
AD1935 Evaluation Board
EVAL-AD1936EB
AD1936 Evaluation Board
EVAL-AD1937EB
AD1937 Evaluation Board
EVAL-AD1938EB
AD1938 Evaluation Board
EVAL-AD1939EB
AD1939 Evaluation Board
Note: All parts are lead-free
Table 28. Ordering Guide
© 2005 Analog Devices, Inc. All rights reserved. Trademarks and
registered trademarks are the property of their respective companies.
Printed in the U.S.A.
PR05582-0-5/05(PrI)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com