Electronic Components Datasheet Search
  English  ▼

X  

AD5371 Datasheet(PDF) 1 Page - Analog Devices

Part # AD5371
Description  40-Channel, 14-Bit Serial Input, Voltage-Output DAC
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5371 Datasheet(HTML) 1 Page - Analog Devices

  AD5371 Datasheet HTML 1Page - Analog Devices AD5371 Datasheet HTML 2Page - Analog Devices AD5371 Datasheet HTML 3Page - Analog Devices AD5371 Datasheet HTML 4Page - Analog Devices AD5371 Datasheet HTML 5Page - Analog Devices AD5371 Datasheet HTML 6Page - Analog Devices AD5371 Datasheet HTML 7Page - Analog Devices AD5371 Datasheet HTML 8Page - Analog Devices AD5371 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 25 page
background image
40-Channel, 14-Bit
Serial Input, Voltage-Output DAC
Preliminary Technical Data
AD5371
Rev. P
rF
Information furnished by Analog Devices is believed to be accurate and reliable.
However, no responsibility is assumed by Analog Devices for its use, nor for any
infringements of patents or other rights of third parties that may result from its use.
Specifications subject to change without notice. No license is granted by implication
or otherwise under any patent or patent rights of Analog Devices. Trademarks and
registered trademarks are the property of their respective companies.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
www.analog.com
Fax: 781.326.8703
© 2006 Analog Devices, Inc. All rights reserved.
FEATURES
40-channel DAC in 80 Lead LQFP and 100 Ball CSPBGA
Guaranteed monotonic to 14 bits
Maximum output voltage span of 4 × VREF (20 V)
Nominal output voltage range of -4 V to +8 V
Multiple, Independent output spans available
System calibration function allowing user-programmable
offset and gain
Channel grouping and addressing features
Thermal Monitor Function
DSP/microcontroller-compatible serial interface
LVDS serial interface
2.5 V to 5.5 V JEDEC-compliant digital levels
Power-on reset
Digital reset (RESET)
Clear function to user-defined SIGGND (CLR pin)
Simultaneous update of DAC outputs (LDAC pin)
APPLICATIONS
Level setting in automatic test equipment (ATE)
Variable optical attenuators (VOA)
Optical switches
Industrial control systems
Instrumentation
FUNCTIONAL BLOCK DIAGRAM
CONTROL
REGISTER
STATE
MACHINE
14
POWER-ON
RESET
SPI/LVDS
SYNC
SDI
SCLK
SYNC
SDI
SCLK
SDO
BUSY
RESET
CLR
AD5371
SERIAL
INTERFACE
14
VOUT8
VOUT9
VOUT10
VOUT11
VOUT12
VOUT13
VOUT14
VOUT15
SIGGND1
14
14
14
DAC 0
REGISTER
14
14
8
8
14
14
14
14
TO
MUX 2's
MUX
1
A/B SELECT
REGISTER
X1A REGISTER
X1B REGISTER
MREGISTER
CREGISTER
14
MUX
2
X2A REGISTER
X2B REGISTER
OFS1
REGISTER
14
14
DAC 0
OUTPUT BUFFER
AND POWER
DOWN CONTROL
OUTPUT BUFFER
AND POWER
DOWN CONTROL
OFFSET
DAC 1
BUFFER
14
14
14
DAC 7
REGISTER
14
14
14
14
14
14
MUX
1
X1A REGISTER
X1B REGISTER
MREGISTER
CREGISTER
14
MUX
2
X2A REGISTER
X2B REGISTER
DAC 7
·
·
·
·
·
·
·
·
·
·
·
·
·
·
·
·
·
·
·
·
·
·
·
·
·
·
·
·
·
·
·
·
·
·
·
·
·
·
·
·
·
·
·
·
·
·
·
·
·
·
·
·
·
·
GROUP 1
VREF0
SIGGND0
VREF2
SIGGND2
SIGGND4
SIGGND3
VREF2 SUPPLIES
GROUPS 2 TO 4
VOUT0
VOUT1
VOUT2
VOUT3
VOUT4
VOUT5
VOUT6
VOUT7
VOUT16
TO
VOUT39
GROUPS 2 TO 4
SAME AS GROUP 1
LDAC
DVCC
VDD
VSS AGND DNGD
14
14
14
DAC 0
REGISTER
14
14
8
8
14
14
14
14
TO
MUX 2's
MUX
1
A/B SELECT
REGISTER
X1A REGISTER
X1B REGISTER
MREGISTER
CREGISTER
14
MUX
2
X2A REGISTER
X2B REGISTER
OFS0
REGISTER
14
14
DAC 0
OUTPUT BUFFER
AND POWER
DOWN CONTROL
OUTPUT BUFFER
AND POWER
DOWN CONTROL
OFFSET
DAC 0
BUFFER
GROUP 0
·
·
·
·
·
·
·
·
·
·
·
·
·
·
·
·
·
·
·
·
·
·
·
·
·
·
·
·
·
·
·
·
·
·
·
·
·
·
·
·
·
·
·
·
·
·
·
·
·
·
·
·
·
·
14
14
14
DAC 7
REGISTER
14
14
14
14
14
14
MUX
1
X1A REGISTER
X1B REGISTER
MREGISTER
CREGISTER
14
MUX
2
X2A REGISTER
X2B REGISTER
DAC 7
BUFFER
VREF1
5371-0001
Figure 1.
AD5371—Protected by U.S. Patent No. 5,969,657; other patents pending


Similar Part No. - AD5371

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD537 AD-AD537 Datasheet
179Kb / 8P
Integrated Circuit Voltage-to-Frequency Converter
AD537 AD-AD537 Datasheet
722Kb / 9P
Integrated Circuit Voltage-to.Frequency Converter
23-Feb-2017
AD5370 AD-AD5370 Datasheet
292Kb / 24P
40-Channel, 16-Bit, Serial Input, Voltage-Output DACs
AD5370 AD-AD5370 Datasheet
238Kb / 12P
Evaluation Board for AD5370/AD5372/AD5373
Rev. PrC
AD5370BCPZ AD-AD5370BCPZ Datasheet
292Kb / 24P
40-Channel, 16-Bit, Serial Input, Voltage-Output DACs
More results

Similar Description - AD5371

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD5379 AD-AD5379 Datasheet
393Kb / 28P
40-Channel, 14-Bit, Parallel and Serial Input, Bipolar Voltage-Output DAC
AD5360 AD-AD5360 Datasheet
284Kb / 25P
16-Channel, 16/14-Bit, Serial Input, Voltage-Output DAC
AD5362 AD-AD5362 Datasheet
295Kb / 25P
8-Channel, 16/14-Bit, Serial Input, Voltage-Output DAC
AD5360 AD-AD5360_08 Datasheet
825Kb / 28P
16-Channel, 16-/14-Bit, Serial Input, Voltage-Output DAC
REV. A
AD5360 AD-AD5360_15 Datasheet
624Kb / 29P
16-Channel, 16-/14-Bit, Serial Input, Voltage-Output DAC
REV. A
AD5363 AD-AD5363_15 Datasheet
701Kb / 29P
8-Channel, 16-/14-Bit, Serial Input, Voltage Output DAC
REV. A
AD5370 AD-AD5370_15 Datasheet
652Kb / 29P
40-Channel,16-Bit, Serial Input, Voltage Output DAC
REV. 0
AD5372 AD-AD5372_15 Datasheet
722Kb / 29P
32-Channel, 16-/14-Bit, Serial Input, Voltage Output DAC
REV. C
AD5373 AD-AD5373_15 Datasheet
722Kb / 29P
32-Channel, 16-/14-Bit, Serial Input, Voltage Output DAC
REV. C
AD5379 AD-AD5379_15 Datasheet
630Kb / 29P
40-Channel, 14-Bit, Parallel and Serial Input, Bipolar Voltage-Output DAC
REV. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com