Electronic Components Datasheet Search
  English  ▼

X  

AD5371 Datasheet(PDF) 16 Page - Analog Devices

Part # AD5371
Description  40-Channel, 14-Bit Serial Input, Voltage-Output DAC
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5371 Datasheet(HTML) 16 Page - Analog Devices

Back Button AD5371 Datasheet HTML 12Page - Analog Devices AD5371 Datasheet HTML 13Page - Analog Devices AD5371 Datasheet HTML 14Page - Analog Devices AD5371 Datasheet HTML 15Page - Analog Devices AD5371 Datasheet HTML 16Page - Analog Devices AD5371 Datasheet HTML 17Page - Analog Devices AD5371 Datasheet HTML 18Page - Analog Devices AD5371 Datasheet HTML 19Page - Analog Devices AD5371 Datasheet HTML 20Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 25 page
background image
Preliminary Technical Data
AD5371
Rev. P
rF | Page 16 of 25
2)
Offset Error = ±70mV
=> Maximum Offset Error Span = 2(70mV)=0.14V
=> Output Range including Gain Error and Offset Error =
12.36V + 0.14V = 12.5V
3)
VREF Calculation
Actual Output Range = 12.5V, that is -4.25V to +8.25V
(centered);
VREF = (8.25V + 4.25V)/4 = 3.125V
If the solution yields an inconvenient reference level, the user
can adopt one of the following approaches:
1.
Use a resistor divider to divide down a convenient,
higher reference level to the required level.
2.
Select a convenient reference level above VREF and
modify the Gain and Offset registers to digitally
downsize the reference. In this way the user can use
almost any convenient reference level but may reduce
the performance by overcompaction of the transfer
function.
3.
Use a combination of these two approaches
CALIBRATION
The user can perform a system calibration on the AD5371 to
reduce gain and offset errors to below 1 LSB. This is achieved by
calculating new values for the m and c registers and
reprogramming them.
Reducing Offset and Gain Error
Offset Error is reduced as follows:
1. Set the output to the lowest possible value.
2. Measure the actual output voltage and compare it to the
required value. This gives the offset error.
3. Calculate the number of LSBs equivalent to the offset error
and add or subtract this from the default value of the c register.
Gain Error is reduced as follows:
1. Reduce the offset error.
2. Set the output to the highest possible value
3. Measure the actual output voltage and compare it to the
required value. This gives the gain error.
4. Calculate the number of LSBs equivalent to the gain error
and subtract it from the default value of the m register. Note
that only positive gain error can be reduced.
CALIBRATION EXAMPLE
This example assumes that a -4V to +8V output is required. The
DAC output is set to -4V but is measured at -4.03V. This gives
an offset of
-30mV.
1)
1 LSB = 12V/16384 = 732.42µV
2)
30mV = 41 LSBs
3)
41 LSBs should be added to the default c register value:
(8192 + 41) = 8151
4)
8151 should be programmed to the c register
The gain error can now be removed. The output is set to +8V
and a value of +8.02V is measured. This is a gain error of
+20mV
1)
20mV = 27 LSBs
2)
27 LSBs should be subtracted from the default m register
value: (16383-27) = 16356.
3)
16356 should be programmed to the m register
RESET FUNCTION
When the RESET pin is taken low, the DAC buffers are
disconnected and the DAC outputs VOUT0 to VOUT39 are
tied to their associated SIGGND signals via a 10 kΩ resistor. On
the rising edge of RESET the AD5371 state machine initiates a
reset sequence to reset the X, M and C registers to their default
values. This sequence typically takes 300µs and the user should
not write to the part during this time. When the reset sequence
is complete, and provided that CLR is high, the DAC output will
be at a potential specified by the default register settings which
will be equivalent to SIGGGND. The DAC outputs will remain
at SIGGND until the X, M or C registers are updated and LDAC
is taken low.
CLEAR FUNCTION
CLR is an active low input which should be high for normal
operation. The CLR pin has in internal 500kΩ pull-down
resistor. When CLR is low, the input to each of the DAC output
buffer stages, VOUT0 to VOUT39, is switched to the externally
set potential on the relevant SIGGND pin. While CLR is low, all
LDAC pulses are ignored. When CLR is taken high again, the
DAC outputs remain cleared until LDAC is taken low. The
contents of input registers and DAC registers 0 to 39 are not
affected by taking CLR low. To prevent glitches appearing on
the outputs CLR should be brought low whenever the output
span is adjusted by writing to the offset DAC.
BUSY AND LDAC FUNCTIONS
The value of an X2 (A or B) register is calculated each time the
user writes new data to the corresponding X1, C, or M registers.
During the calculation of X2, the BUSY output goes low. While
BUSY is low, the user can continue writing new data to the X1,
M, or C registers (see the Register Update Rates section for
more details), but no DAC output updates can take place. The
DAC outputs are updated by taking the LDAC input low. If
LDAC goes low while BUSY is active, the LDAC event is stored
and the DAC outputs update immediately after BUSY goes
high. A user can also hold the LDAC input permanently low. In
this case, the DAC outputs update immediately after BUSY



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com