Electronic Components Datasheet Search
  English  ▼

X  

AD5371BSTZ Datasheet(PDF) 19 Page - Analog Devices

Part # AD5371BSTZ
Description  40-Channel, 14-Bit Serial Input, Voltage-Output DAC
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5371BSTZ Datasheet(HTML) 19 Page - Analog Devices

Back Button AD5371BSTZ Datasheet HTML 15Page - Analog Devices AD5371BSTZ Datasheet HTML 16Page - Analog Devices AD5371BSTZ Datasheet HTML 17Page - Analog Devices AD5371BSTZ Datasheet HTML 18Page - Analog Devices AD5371BSTZ Datasheet HTML 19Page - Analog Devices AD5371BSTZ Datasheet HTML 20Page - Analog Devices AD5371BSTZ Datasheet HTML 21Page - Analog Devices AD5371BSTZ Datasheet HTML 22Page - Analog Devices AD5371BSTZ Datasheet HTML 23Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 25 page
background image
Preliminary Technical Data
AD5371
Rev. P
rF | Page 19 of 25
SPI READBACK MODE
The AD5371 allows data readback via the serial interface from
every register directly accessible to the serial interface, which is
all registers except the X2A, X2B and DAC registers. In order to
read back a register, it is first necessary to tell the AD5371
which register is to be read. This is achieved by writing to the
device a word whose first two bits are the special function code
00. The remaining bits then determine if the operation is a
readback, and the register which is to be read back, or if it is a
write to of the special function registers such as the control
register.
After the special function write has been performed, if it is a
readback command then data from the selected register will be
clocked out of the SDO pin during the next SPI operation. The
SDO pin is normally three-state but becomes driven as soon as
a read command has been issued. The pin will remain driven
until the registers data has been clocked out. Figure 5 for the
read timing diagram. Note that due to the timing requirements
of t5 (25ns) the maximum speed of the SPI interface during a
read operation should not exceed 20MHz.
LVDS OPERATION
The LVDS interface operates as follows (note that, since the
LVDS signals are differential, when a signal goes high its
complementary signal goes low, and vice versa).
The SYNC signal frames the data. SCLK is initially high. After
SYNC goes low and the SYNC to SCLK setup time has elapsed,
SCLK can start to clock in the data. Data is clocked into the
AD5371 on the high to low transition of SCLK and must be
stable at this time (observe setup and hold time specs). SYNC
may then be taken high after the SCLK to SYNC hold time to
latch the data.
The same comments about burst and continuous clocks apply
to the LVDS interface as to the SPI interface. Readback is not
available when using the LVDS interface.
REGISTER UPDATE RATES
As mentioned previously the value of the X2 (A or B) register is
calculated each time the user writes new data to the
corresponding X1, C or M registers. The calculation is
performed by a three stage process. The first two stages take
500ns each and the third stage takes 250ns. When the write to
one of the X1, C or M registers is complete the calculation
process begins. If the write operation involves the update of a
single DAC channel the user is free to write to another register
provided that the write operation doesn’t finish until the first
stage calculation is complete, i.e. 500ns after the completion of
the first write operation. If a group of channels is being updated
by a single write operation the first stage calculation will be
repeated for each channel, taking 500ns per channel. In this
case the user should not complete the next write operation until
this time has elapsed.
CHANNEL ADDRESSING AND SPECIAL MODES
If the mode bits are not 00, then the data word D13 to D0 is
written to the device. Address bits A5 to A0 determine which
channel or channels is/are written to, while the mode bits
determine to which register (X1A, X1B, C or M) the data is
written, as shown in Table 8. If data is to be written to the X1A
or X1B register, the setting of the A/B bit in the Control
Register determines which (0
X1A, 1
X1B).
Table 9. Mode Bits
M1
M0
Action
1
1
Write DAC input data (X1A or X1B) register,
depending on Control Register A/B bit.
1
0
Write DAC offset (C) register
0
1
Write DAC gain (M) register
0
0
Special function, used in combination with other
bits of word
The AD5371 has very flexible addressing that allows writing of
data to a single channel, all channels in a group, the same
channel in groups 0 to 4 or groups 1 to 4, or all channels in the
device Table 10 shows all these address modes.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com