Electronic Components Datasheet Search
  English  ▼

X  

AD5371BSTZ Datasheet(PDF) 21 Page - Analog Devices

Part # AD5371BSTZ
Description  40-Channel, 14-Bit Serial Input, Voltage-Output DAC
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5371BSTZ Datasheet(HTML) 21 Page - Analog Devices

Back Button AD5371BSTZ Datasheet HTML 17Page - Analog Devices AD5371BSTZ Datasheet HTML 18Page - Analog Devices AD5371BSTZ Datasheet HTML 19Page - Analog Devices AD5371BSTZ Datasheet HTML 20Page - Analog Devices AD5371BSTZ Datasheet HTML 21Page - Analog Devices AD5371BSTZ Datasheet HTML 22Page - Analog Devices AD5371BSTZ Datasheet HTML 23Page - Analog Devices AD5371BSTZ Datasheet HTML 24Page - Analog Devices AD5371BSTZ Datasheet HTML 25Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 21 / 25 page
background image
Preliminary Technical Data
AD5371
Rev. P
rF | Page 21 of 25
Table 12. Special Function Codes
SPECIAL FUNCTION CODE
DATA
S5
S4
S3
S2
S1
S0
F15-F0
ACTION
0
0
0
0
0
0
0000 0000 0000 0000
NOP
0
0
0
0
0
1
XXXX XXXX XXXX X[F2:F0]
Write control register
F2 = 1
Select B reg for input; F2 = 0
Select A reg for input
F1 = 1
En temp shutdown; F1 = 0
Disable temp shutdown
F0 = 1
Soft power down; F0 = 0
soft power up
0
0
0
0
1
0
XX[F13:F0]
Write data in F13:F0 to OFS0 register
0
0
0
0
1
1
XX[F13:F0]
Write data in F13:F0 to OFS1 register
0
0
0
1
0
0
XX[F13:F0]
Write data in F13:F0 to OFS2 register
0
0
0
1
0
1
See Table 13
Select register for readback
0
0
0
1
1
0
XXXX XXXX[F7:F0]
Write data in F7:F0 to A/B Select Register 0
0
0
0
1
1
1
XXXX XXXX[F7:F0]
Write data in F7:F0 to A/B Select Register 1
0
0
1
0
0
0
XXXX XXXX[F7:F0]
Write data in F7:F0 to A/B Select Register 2
0
0
1
0
0
1
XXXX XXXX[F7:F0]
Write data in F7:F0 to A/B Select Register 3
0
0
1
0
1
0
XXXX XXXX[F7:F0]
Write data in F7:F0 to A/B Select Register 4
0
0
1
0
1
1
XXXX XXXX[F7:F0]
Block write A/B Select Registers
F7:F0 = 0, write all 0’s (all channels use X2A register)
F7:F0 = 1, wrote all 1’s (all channels use X2B register)
Table 13. Address Codes for Data Readback
F15
F14
F13
F12
F11
F10
F9
F8
F7
REGISTER READ
0
0
0
A Register
0
0
1
B Register
0
1
0
C Register
0
1
1
Bits F12 to F7 select channel to be read
back, from Channel 0 = 001000 to
Channel 39 = 101111
M Register
1
0
0
0
0
0
0
0
1
Control Register
1
0
0
0
0
0
0
1
0
OFS0 Data Register
1
0
0
0
0
0
0
1
1
OFS1 Data Register
1
0
0
0
0
0
1
0
0
OFS2 Data Register
1
0
0
0
0
0
1
1
0
A/B Select Register 0
1
0
0
0
0
0
1
1
1
A/B Select Register 1
1
0
0
0
0
1
0
0
0
A/B Select Register 2
1
0
0
0
0
1
0
0
1
A/B Select Register 3
1
0
0
0
0
1
0
1
0
A/B Select Register 4
Note: F6 to F0 are don’t care for data readback function.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com