Electronic Components Datasheet Search
  English  ▼

X  

BSH207 Datasheet(PDF) 3 Page - NXP Semiconductors

Part # BSH207
Description  P-channel enhancement mode MOS transistor
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BSH207 Datasheet(HTML) 3 Page - NXP Semiconductors

  BSH207 Datasheet HTML 1Page - NXP Semiconductors BSH207 Datasheet HTML 2Page - NXP Semiconductors BSH207 Datasheet HTML 3Page - NXP Semiconductors BSH207 Datasheet HTML 4Page - NXP Semiconductors BSH207 Datasheet HTML 5Page - NXP Semiconductors BSH207 Datasheet HTML 6Page - NXP Semiconductors BSH207 Datasheet HTML 7Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
Philips Semiconductors
Product specification
P-channel enhancement mode
BSH207
MOS transistor
Fig.1. Normalised power dissipation.
PD% = 100
⋅P
D/PD 25 ˚C = f(Ta)
Fig.2. Normalised continuous drain current.
ID% = 100
⋅I
D/ID 25 ˚C = f(Ta); conditions: VGS ≤ -10 V
Fig.3. Safe operating area. T
a = 25 ˚C
I
D & IDM = f(VDS); IDM single pulse; parameter tp
Fig.4. Transient thermal impedance.
Z
th j-a = f(t); parameter D = tp/T
Fig.5. Typical output characteristics, T
j = 25 ˚C.
I
D = f(VDS); parameter VGS
Fig.6. Typical on-state resistance, T
j = 25 ˚C.
R
DS(ON) = f(ID); parameter VGS
Normalised Power Dissipation, PD (%)
0
20
40
60
80
100
120
0
25
50
75
100
125
150
Ambient Temperature, Ta (C)
BSH207
0.01
0.1
1
10
100
1000
1E-06
1E-05
1E-04
1E-03
1E-02
1E-01
1E+00
1E+01
Pulse width, tp (s)
Peak Pulsed Drain Current, IDM (A)
single pulse
D = 0.5
0.2
0.1
0.05
0.02
tp
D = tp/T
D
P
T
Normalised Drain Current, ID (%)
0
20
40
60
80
100
120
0
25
50
75
100
125
150
Ambient Temperature, Ta (C)
BSH207
-5
-4.5
-4
-3.5
-3
-2.5
-2
-1.5
-1
-0.5
0
-2
-1.5
-1
-0.5
0
Drain-Source Voltage, VDS (V)
Drain current, ID (A)
VGS = -0.8 V
-0.9 V
-4.5 V
-1.2 V
-1 V
Tj = 25 C
-1.1 V
-1.3 V
-1.8 V
-2.5 V
BSH207
0.01
0.1
1
10
100
0.1
1
10
100
Drain-Source Voltage, VDS (V)
Peak Pulsed Drain Current, IDM (A)
d.c.
100 ms
10 ms
RDS(on) = VDS/ ID
tp = 1ms
BSH207
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
-5
-4.5
-4
-3.5
-3
-2.5
-2
-1.5
-1
-0.5
0
Drain Current, ID (A)
Drain-Source On Resistance, RDS(on) (Ohms)
VGS = -4.5V
-1.2 V
-1V
Tj = 25 C
-0.8 V
-1.1 V
-0.9 V
-2.5 V
-1.3 V
-1.8 V
August 1998
3
Rev 1.000



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com