Electronic Components Datasheet Search
  English  ▼

X  

AD5372BSTZ Datasheet(PDF) 11 Page - Analog Devices

Part # AD5372BSTZ
Description  32-Channel, 16/14, Serial Input, Voltage-Output DACs
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5372BSTZ Datasheet(HTML) 11 Page - Analog Devices

Back Button AD5372BSTZ Datasheet HTML 7Page - Analog Devices AD5372BSTZ Datasheet HTML 8Page - Analog Devices AD5372BSTZ Datasheet HTML 9Page - Analog Devices AD5372BSTZ Datasheet HTML 10Page - Analog Devices AD5372BSTZ Datasheet HTML 11Page - Analog Devices AD5372BSTZ Datasheet HTML 12Page - Analog Devices AD5372BSTZ Datasheet HTML 13Page - Analog Devices AD5372BSTZ Datasheet HTML 14Page - Analog Devices AD5372BSTZ Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 25 page
background image
Preliminary Technical Data
AD5372/AD5373
Rev. P
rF | Page 11 of 25
TERMINOLOGY
Relative Accuracy
Relative accuracy, or endpoint linearity, is a measure of the
maximum deviation from a straight line passing through the
endpoints of the DAC transfer function. It is measured after
adjusting for zero-scale error and full-scale error and is
expressed in least significant bits (LSB).
Differential Nonlinearity
Differential nonlinearity is the difference between the measured
change and the ideal 1 LSB change between any two adjacent
codes. A specified differential nonlinearity of 1 LSB maximum
ensures monotonicity.
Zero-Scale Error
Zero-scale error is the error in the DAC output voltage when all
0s are loaded into the DAC register.
Zero-scale error is a measure of the difference between VOUT
(actual) and VOUT (ideal) expressed in mV. Zero-scale error is
mainly due to offsets in the output amplifier.
Full-Scale Error
Full-scale error is the error in DAC output voltage when all 1s
are loaded into the DAC register.
Full-scale error is a measure of the difference between VOUT
(actual) and VOUT (ideal) expressed in mV. It does not include
zero-scale error.
Gain Error
Gain error is the difference between full-scale error
and zero-scale error. It is expressed in mV.
Gain Error = Full-Scale Error − Zero-Scale Error
VOUT Temperature Coefficient
This includes output error contributions from linearity, offset,
and gain drift.
DC Output Impedance
DC output impedance is the effective output source resistance.
It is dominated by package lead resistance.
DC Crosstalk
The DAC outputs are buffered by op amps that share common
VDD and VSS power supplies. If the dc load current changes in
one channel (due to an update), this can result in a further dc
change in one or more channel outputs. This effect is more
significant at high load currents and reduces as the load
currents are reduced. With high impedance loads, the effect is
virtually immeasurable. Multiple VDD and VSS terminals are
provided to minimize dc crosstalk.
Output Voltage Settling Time
The amount of time it takes for the output of a DAC to settle to
a specified level for a full-scale input change.
Digital-to-Analog Glitch Energy
The amount of energy injected into the analog output at the
major code transition. It is specified as the area of the glitch in
nV-s. It is measured by toggling the DAC register data between
0x1FFF and 0x2000.
Channel-to-Channel Isolation
Channel-to-channel isolation refers to the proportion of input
signal from one DAC’s reference input that appears at the
output of another DAC operating from another reference. It is
expressed in dB and measured at midscale.
DAC-to-DAC Crosstalk
DAC-to-DAC crosstalk is the glitch impulse that appears at the
output of one converter due to both the digital change and
subsequent analog output change at another converter. It is
specified in nV-s.
Digital Crosstalk
The glitch impulse transferred to the output of one converter
due to a change in the DAC register code of another converter is
defined as the digital crosstalk and is specified in nV-s.
Digital Feedthrough
When the device is not selected, high frequency logic activity on
the device’s digital inputs can be capacitively coupled both
across and through the device to show up as noise on the
VOUT pins. It can also be coupled along the supply and ground
lines. This noise is digital feedthrough.
Output Noise Spectral Density
Output noise spectral density is a measure of internally
generated random noise. Random noise is characterized as a
spectral density (voltage per √Hz). It is measured by loading all
DACs to midscale and measuring noise at the output. It is
measured in nV/(Hz)
1/2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com