Electronic Components Datasheet Search
  English  ▼

X  

AD5372BSTZ Datasheet(PDF) 14 Page - Analog Devices

Part # AD5372BSTZ
Description  32-Channel, 16/14, Serial Input, Voltage-Output DACs
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5372BSTZ Datasheet(HTML) 14 Page - Analog Devices

Back Button AD5372BSTZ Datasheet HTML 10Page - Analog Devices AD5372BSTZ Datasheet HTML 11Page - Analog Devices AD5372BSTZ Datasheet HTML 12Page - Analog Devices AD5372BSTZ Datasheet HTML 13Page - Analog Devices AD5372BSTZ Datasheet HTML 14Page - Analog Devices AD5372BSTZ Datasheet HTML 15Page - Analog Devices AD5372BSTZ Datasheet HTML 16Page - Analog Devices AD5372BSTZ Datasheet HTML 17Page - Analog Devices AD5372BSTZ Datasheet HTML 18Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 25 page
background image
AD5372/AD5373
Preliminary Technical Data
Rev. P
rF | Page 14 of 25
OUTPUT AMPLIFIER
As the output amplifiers can swing to 1.4 V below the positive
supply and 1.4 V above the negative supply, this limits how
much the output can be offset for a given reference voltage. For
example, it is not possible to have a unipolar output range of
20V, since the maximum supply voltage is ±16.5 V.
DAC
CHANNEL
OFFSET
DAC
CLR
CLR
CLR
SIGGND
SIGGND
OUTPUT
S1
S2
S3
R4
R1
R3
R5
R6
R2
CHECK VALUE OF R1 &R5
R1,R2,R3 = 20k
Ω
R4,R5 = 60k
Ω
R6 = 10k
Ω
2049-0008
10k
Ω
Figure 10. Output Amplifier and Offset DAC
Figure 10 shows details of a DAC output amplifier and its
connections to the Offset DAC. On power up, S1 is open,
disconnecting the amplifier from the output. S3 is closed, so the
output is pulled to SIGGND (R1 and R2 are very much greater
than R6). S2 is also closed to prevent the output amplifier being
open-loop. If CLR is low at power-up, the output will remain in
this condition until CLR is taken high. The DAC registers can
be programmed, and the outputs will assume the programmed
values when CLR is taken high. Even if CLR is high at power-
up, the output will remain in the above condition until
VDD > 6 V and VSS < -4 V and the initialization sequence has
finished. The outputs will then go to their power-on default
value.
TRANSFER FUNCTION
The output voltage of a DAC in the AD5372/AD5373 is
dependent on the value in the input register, the value of the M
and C registers, and the offset from the Offset DAC. The
transfer functions for the AD5372 and AD5373 are shown
below.
AD5372 Transfer Function
Code applied to DAC from X1A or X1B register:-
DAC_CODE = INPUT_CODE × (m+1)/216 + c - 215
DAC output voltage:-
VOUT = 4 × VREF × (DAC_CODE – OFFSET_CODE )/216 +VSIGGND
Notes
DAC_CODE should be within the range of 0 to 65535.
For 12 V span VREF = 3.0 V.
For 20 V span VREF = 5.0 V.
X1A, X1B default code = 21844
m = code in gain register - default code = 216 – 1.
c = code in offset register - default code = 214.
OFFSET_CODE is the code loaded to the offset DAC. It is
multiplied by 4 in the transfer function as this DAC is a 14 bit
device. On power up the default code loaded to the offset DAC
is 5461 (0x1555). With a 3V reference this gives a span of -4 V
to +8 V.
AD5373 Transfer Function
Code applied to DAC from X1A or X1B register:-
DAC_CODE = INPUT_CODE × (m+1)/214 + c - 213
DAC output voltage:-
VOUT = 4 × VREF × (DAC_CODE – OFFSET_CODE )/214 +VSIGGND
Notes
DAC_CODE should be within the range of 0 to 16383.
For 12 V span VREF = 3.0 V.
For 20 V span VREF = 5.0 V.
X1A, X1B default code = 5461
m = code in gain register - default code = 214 – 1.
c = code in offset register - default code = 213.
OFFSET_CODE is the code loaded to the offset DAC. It is
multiplied by 4 in the transfer function as this DAC is a 14 bit
device. On power up the default code loaded to the offset DAC
is 5461 (0x1555). With a 3V reference this gives a span of -4 V
to +8 V.
REFERENCE SELECTION
The AD5372/AD5373 has two reference input pins. The voltage
applied to the reference pins determines the output voltage span
on VOUT0 to VOUT31. VREF0 determines the voltage span for
VOUT0 to VOUT7 (Group 0) and VREF1 determines the
voltage span for VOUT8 to VOUT31 (Group 1 to Group 3).
The reference voltage applied to each VREF pin can be
different, if required, allowing the groups to have a different
voltage spans. The output voltage range can be adjusted further
by programming the offset and gain registers for each channel
as well as programming the offset DACs. If the offset and gain
features are not used (i.e. the m and c registers are left at their
default values) the required reference levels can be calculated as
follows:
VREF = (VOUTmax – VOUTmin)/4
If the offset and gain features of the AD5372/AD5373 are used,
then the required output range is slightly different. The chosen
output range should take into account the system offset and
gain errors that need to be trimmed out. Therefore, the chosen
output range should be larger than the actual, required range.
The required reference levels can be calculated as follows:
1.
Identify the nominal output range on VOUT.
2.
Identify the maximum offset span and the maximum



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com