Electronic Components Datasheet Search
  English  ▼

X  

AD5645R Datasheet(PDF) 9 Page - Analog Devices

Part # AD5645R
Description  Quad, 12-/14-/16-Bit nanoDACs with 5ppm/째C On-chip Ref, I2C Interface
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5645R Datasheet(HTML) 9 Page - Analog Devices

Back Button AD5645R Datasheet HTML 5Page - Analog Devices AD5645R Datasheet HTML 6Page - Analog Devices AD5645R Datasheet HTML 7Page - Analog Devices AD5645R Datasheet HTML 8Page - Analog Devices AD5645R Datasheet HTML 9Page - Analog Devices AD5645R Datasheet HTML 10Page - Analog Devices AD5645R Datasheet HTML 11Page - Analog Devices AD5645R Datasheet HTML 12Page - Analog Devices AD5645R Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 32 page
background image
Preliminary Technical Data
AD5625R/AD5645R/AD5665R, AD5625/AD5665
Rev. PrA. | Page 9 of 32
PIN CONFIGURATION AND FUNCTION DESCRIPTIONS
LDAC
ADDR1
VDD
VOUTA
VOUTC
POR
VREFIN/VREFOUT
SCL
SDA
GND
VOUTB
VOUTD
CLR
ADDR2
1
2
3
4
5
6
7
14
13
12
11
10
9
8
AD5625(R)
AD5645R
AD5665(R)
TOP VIEW
(Not to Scale)
NOTE: VREFOUT ONLY ON -R VERSIONS
VOUTA
VOUTB
GND
VOUTC
VOUTD
VREFIN/VREFOUT
VDD
SDA
SCL
ADDR
1
2
3
4
5
10
9
8
7
6
AD5625(R)
AD5645R
AD5665(R)
TOP VIEW
(Not to Scale)
NOTE: VREFOUT ONLY ON -R VERSIONS
Pin Configuration (14-pin)
Pin Configuration (10-pin)
Figure 3. Pin Configurations
Table 7. Pin Function Descriptions
Pin No.
(14-pin)
Pin No.
(10-pin)
Mnemonic
Description
1
n/a
LDAC
Active low load DAC pin.
2
n/a
ADDR1
Three-state address input. Sets the two least significant bits (Bit A1, Bit A0) of the 7-bit slave address
(see Table 6).
3
9
VDD
Power supply input. These parts can be operated from 2.7 V to 5.5 V, and the supply should be
decoupled with a 10 μF capacitor in parallel with a 0.1 μF capacitor to GND.
4
1
VOUTA
Analog output voltage from DAC C. The output amplifier has rail-to-rail operation.
5
4
VOUTC
Analog output voltage from DAC D. The output amplifier has rail-to-rail operation.
6
n/a
POR
Power-on reset.
7
10
VREFIN/VREFOUT
The AD5625R/AD5645R/AD5665R, AD5625/AD5665 have a common pin for reference input and
reference output. The internal reference and reference output are only available on suffix ---R
versions. When using the internal reference, this is the reference output pin. When using an external
reference, this is the reference input pin. The default for this pin is as a reference input.
8
n/a
ADDR2
Three-state address input. Sets bits A3 and A2 of the 7-bit slave address (see Table 6).
9
n/a
CLR
Asynchronous clear input. The
CLR input is falling edge sensitive. . While CLR is low, all LDAC
pulses are ignored. When
CLR is activated, zero scale is loaded to all input and DAC registers. This
clears the output to 0 V. The part exits clear code mode on the 24th falling edge of the next write to
the part. If
CLR is activated during a write sequence, the write is aborted.
10
5
VOUTD
Analog output voltage from DAC A. The output amplifier has rail-to-rail operation.
11
2
VOUTB
Analog output voltage from DAC B. The output amplifier has rail-to-rail operation.
12
3
GND
Ground reference point for all circuitry on the part.
13
8
SDA
Serial data line. This is used in conjunction with the SCL line to clock data into or out of the 16-bit
input register. It is a bidirectional, open-drain data line that should be pulled to the supply with an
external pull-up resistor.
14
7
SCL
Serial clock line. This is used in conjunction with the SDA line to clock data into or out of the 16-bit
input register.
n/a
6
ADDR
Three-state address input. Sets the two least significant bits (Bit A1, Bit A0) of the 7-bit slave address.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com