Electronic Components Datasheet Search
  English  ▼

X  

AD5645R Datasheet(PDF) 16 Page - Analog Devices

Part # AD5645R
Description  Quad, 12-/14-/16-Bit nanoDACs with 5ppm/째C On-chip Ref, I2C Interface
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5645R Datasheet(HTML) 16 Page - Analog Devices

Back Button AD5645R Datasheet HTML 12Page - Analog Devices AD5645R Datasheet HTML 13Page - Analog Devices AD5645R Datasheet HTML 14Page - Analog Devices AD5645R Datasheet HTML 15Page - Analog Devices AD5645R Datasheet HTML 16Page - Analog Devices AD5645R Datasheet HTML 17Page - Analog Devices AD5645R Datasheet HTML 18Page - Analog Devices AD5645R Datasheet HTML 19Page - Analog Devices AD5645R Datasheet HTML 20Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 32 page
background image
AD5625R/AD5645R/AD5665R, AD5625/AD5665
Preliminary Technical Data
Rev. PrA. | Page 16 of 32
SAMPLE NUMBER
2.521
2.522
2.523
2.524
2.525
2.526
2.527
2.528
2.529
2.530
2.531
2.532
2.533
2.534
2.535
2.536
2.537
2.538
0
50
100
150
350
400
200
250
300
450
512
VDD = VREF = 5V
TA = 25°C
5ns/SAMPLE NUMBER
GLITCH IMPULSE = 9.494nV
1LSB CHANGE AROUND
MIDSCALE (0x8000 TO 0x7FFF)
Figure 40. Digital-to-Analog Glitch Impulse (Negative)
SAMPLE NUMBER
2.491
2.492
2.493
2.494
2.495
2.496
2.497
2.498
0
50
100
150
350
400
200
250
300
450
512
VDD = VREF = 5V
TA = 25°C
5ns/SAMPLE NUMBER
ANALOG CROSSTALK = 0.424nV
Figure 41. Analog Crosstalk, External Reference
SAMPLE NUMBER
2.456
2.458
2.460
2.462
2.464
2.466
2.468
2.470
2.472
2.474
2.476
2.478
2.480
2.482
2.484
2.486
2.488
2.490
2.492
2.494
2.496
0
50
100
150
350
400
200
250
300
450
512
VDD = 5V
VREFOUT = 2.5V
TA = 25°C
5ns/SAMPLE NUMBER
ANALOG CROSSTALK = 4.462nV
Figure 42. Analog Crosstalk, Internal Reference
1
Y AXIS = 2µV/DIV
X AXIS = 4s/DIV
VDD = VREF = 5V
TA = 25°C
DAC LOADED WITH MIDSCALE
Figure 43. 0.1 Hz to 10 Hz Output Noise Plot, External Reference
5s/DIV
1
VDD = 5V
VREFOUT = 2.5V
TA = 25°C
DAC LOADED WITH MIDSCALE
Figure 44. 0.1 Hz to 10 Hz Output Noise Plot, 2.5 V Internal Reference
4s/DIV
1
VDD = 3V
VREFOUT = 1.25V
TA = 25°C
DAC LOADED WITH MIDSCALE
Figure 45. 0.1 Hz to 10 Hz Output Noise Plot,1.25 V Internal Reference



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com