Electronic Components Datasheet Search
  English  ▼

X  

AD5647R Datasheet(PDF) 25 Page - Analog Devices

Part # AD5647R
Description  Dual, 12-/14-/16-Bit nanoDACs with 5ppm/C On-Chip Ref, I2C Interface
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5647R Datasheet(HTML) 25 Page - Analog Devices

Back Button AD5647R Datasheet HTML 21Page - Analog Devices AD5647R Datasheet HTML 22Page - Analog Devices AD5647R Datasheet HTML 23Page - Analog Devices AD5647R Datasheet HTML 24Page - Analog Devices AD5647R Datasheet HTML 25Page - Analog Devices AD5647R Datasheet HTML 26Page - Analog Devices AD5647R Datasheet HTML 27Page - Analog Devices AD5647R Datasheet HTML 28Page - Analog Devices AD5647R Datasheet HTML 29Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 30 page
background image
Preliminary Technical Data
AD5627R/AD5647R/AD5667R, AD5627/AD5667
Rev. PrA. | Page 25 of 30
1
1
0
A2
A1
A0
X
XX
X
X
XX
XXX
COMMAND
DAC ADDRESS
(DON’T CARE)
C2
C1
C0
A2
A1
A0
DB15 DB14 DB13 DB12 DB11 DB10
DB9
DB8
DB7
DB6
DB5
DB4
DB2
DB3
DB1
DB0
DON’T CARE
R
S
X
0
DON’T
CARE
DACA
DACB
DON’T CARE
DAC SELECT
(0 = LDAC PIN ENABLED)
X
X
RES
X
X
Figure 60. LDAC Setup Command
LDAC PIN
Updating of the DAC registers may also be controlled by the
LDAC pin. This can operate either synchronously or
asynchronously. Whenever LDAC is brought low, the DAC
registers are updated with the contents of the input registers. If
LDAC is held low, update takes place synchronously at the end
of every write operation.
Which DAC registers are updated when LDAC is brought low
is determined by the LDAC setup command. It is the inverse of
those registers that are set to update at the end of write. If one
of bits DB1 or DB0 is a 0, then the corresponding DAC is
updated when LDAC is taken low. If it is a 1, the DAC is
updated at the end of a write operation. This allows one DACs
to be updated automatically at the end of write, and the other to
be updated asynchronously using the LDAC pin.
If LDAC is permanently held low for synchronous update, then
both DACs will be updated irrespective of the DAC address in
the write command or the bit settings in the LDAC setup
command.
This is because the DAC whose bit is 0 in
LDAC setup will be updated due to the LDAC pin being low,
and the DACs whose bit is 1 will be updated due to the LDAC
setup command.
If DAC update is to be controlled solely by the write and LDAC
setup commands, the LDAC pin must be tied high (or use the
10-pin device which does not have this pin). If DAC update is
to be controlled solely by the LDAC pin, then use only
command 000 and set DB3 to DB0 to 0 in the LDAC setup
command.
These parts each contain an extra feature whereby a DAC
register is not updated unless its input register has been
updated since the last time LDAC was brought low. Normally,
when LDAC is brought low, the DAC registers are filled with
the contents of the input registers. In the case of the AD56X7,
the DAC register updates only if the input register has changed
since the last time the DAC register was updated, thereby
removing unnecessary digital crosstalk.
POWER-DOWN MODES
1
0
0
A2
A1
A0
X
X
X
XX
XX
XXX
COMMAND
DAC ADDRESS
(DON’T CARE)
C2
C1
C0
A2
A1
A0
DB15 DB14 DB13 DB12 DB11 DB10
DB9
DB8
DB7
DB6
DB5
DB4
DB2
DB3
DB1
DB0
DON’T CARE
R
S
X
0
DON’T
CARE
DACA
PD1
PD0
X
X
DACB
DON’T CARE
POWER
DOWN MODE
DAC SELECT
(1 = DAC SELECTED)
RES
DON’T CARE
Figure 61. Power Up/down Command
Command 100 is the power up/down function. The parameters
of the power up/down function are programmed by bits DB5
and DB4. This defines the output state of the DAC amplifier, as
shown in Table 11. Bits DB3 to DB0 determine to which DAC
or DACs the power up/down command is applied. Setting the
one of these bits to 1 applies the power up/down state defined
by DB5 and DB4 to the corresponding DAC. If a bit is 0, the
state of the DAC is unchanged.
In power-down mode, the amplifier is disconnected from the
output pin, and the output pin is either open-circuit or
connected ground via a 10kΩ or 100kΩ resistor, depending on
the setting of DB5 and DB4.
Table 11. Modes of Operation for the
AD5627R/AD5647R/AD5667R, AD5627/AD5667
DB5
DB4
Operating Mode
0
0
Normal operation
Power-down modes
0
1
1 kΩ pulldown to GND
1
0
100 kΩ pulldown to GND
1
1
Three-state, high impedance



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com