Electronic Components Datasheet Search
  English  ▼

X  

AD5647R Datasheet(PDF) 27 Page - Analog Devices

Part # AD5647R
Description  Dual, 12-/14-/16-Bit nanoDACs with 5ppm/C On-Chip Ref, I2C Interface
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5647R Datasheet(HTML) 27 Page - Analog Devices

Back Button AD5647R Datasheet HTML 22Page - Analog Devices AD5647R Datasheet HTML 23Page - Analog Devices AD5647R Datasheet HTML 24Page - Analog Devices AD5647R Datasheet HTML 25Page - Analog Devices AD5647R Datasheet HTML 26Page - Analog Devices AD5647R Datasheet HTML 27Page - Analog Devices AD5647R Datasheet HTML 28Page - Analog Devices AD5647R Datasheet HTML 29Page - Analog Devices AD5647R Datasheet HTML 30Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 27 / 30 page
background image
Preliminary Technical Data
AD5627R/AD5647R/AD5667R, AD5627/AD5667
Rev. PrA. | Page 27 of 30
APPLICATIONS
USING A REFERENCE AS A POWER SUPPLY FOR
THE AD5627R/AD5647R/AD5667R,
AD5627/AD5667
Because the supply current required by the
AD5627R/AD5647R/AD5667R, AD5627/AD5667is extremely
low, an alternative option is to use a voltage reference to supply
the required voltage to the part (see Figure). This is especially
useful if the power supply is quite noisy, or if the system supply
voltages are at some value other than 5 V or 3 V, for example,
15 V. The voltage reference outputs a steady supply voltage for
the AD5627R/AD5647R/AD5667R, AD5627/AD5667. If the low
dropout REF195 is used, it must supply 450 µA of current to the
AD5627R/AD5647R/AD5667R, AD5627/AD5667 with no load
on the output of the DAC. When the DAC output is loaded, the
REF195 also needs to supply the current to the load. The total
current required (with a 5 kΩ load on the DAC output) is
450 µA + (5 V/5 kΩ) = 1.45 mA
The load regulation of the REF195 is typically 2 ppm/mA,
resulting in a 2.9 ppm (14.5 µV) error for the 1.45 mA current
drawn from it. This corresponds to a 0.191 LSB error.
REF195
2-WIRE
SERIAL
INTERFACE
SCL
SDA
VDD
AD5627(R)/
AD5647R/
AD5667(R)
VOUT =0V TO 5V
GND
15V
5V
Figure 65. REF195 as Power Supply to the AD5627R/AD5647R/AD5667R,
AD5627/AD5667
BIPOLAR OPERATION USING THE
AD5627R/AD5647R/AD5667R, AD5627/AD5667
The AD5627R/AD5647R/AD5667R, AD5627/AD5667 has been
designed for single-supply operation, but a bipolar output range
is also possible using the circuit in Figure 67. The circuit gives
an output voltage range of ±5 V. Rail-to-rail operation at the
amplifier output is achievable using an AD820 or an OP295 as
the output amplifier.
The output voltage for any input code can be calculated as
follows:
⎥
⎦
⎤
⎢
⎣
⎡
⎟
⎠
⎞
⎜
⎝
⎛
×
−
⎟
⎠
⎞
⎜
⎝
⎛
+
×
⎟
⎠
⎞
⎜
⎝
⎛
×
=
R1
R2
V
R1
R2
R1
D
V
V
DD
DD
O
536
,
65
where D represents the input code in decimal (0 to 65535).
With VDD = 5 V, R1 = R2 = 10 kΩ,
V
5
536
,
65
10
−
⎟
⎠
⎞
⎜
⎝
⎛
×
=
D
VO
This is an output voltage range of ±5 V, with 0x0000 corre-
sponding to a −5 V output, and 0xFFFF corresponding to a
+5 V output.
2-WIRE
SERIAL
INTERFACE
SCL SDA
VDD
GND
+5V
10µF
0.1µF
AD5627(R)/
AD5647R/
AD5667(R)
VOUT
R1 = 10k
Ω
R2 = 10k
Ω
+5V
-5V
AD820/
OP295
±5V
Figure 66. Bipolar Operation with the AD5627R/AD5647R/AD5667R,
AD5627/AD5667
POWER SUPPLY BYPASSING AND GROUNDING
When accuracy is important in a circuit, it is helpful to carefully
consider the power supply and ground return layout on the
board. The printed circuit board containing the
AD5627R/AD5647R/AD5667R, AD5627/AD5667 should have
separate analog and digital sections, each having its own area of
the board. If the AD5627R/AD5647R/AD5667R,
AD5627/AD5667 are in a system where other devices require an
AGND-to-DGND connection, the connection should be made at
one point only. This ground point should be as close as possible
to the AD5627R/AD5647R/AD5667R, AD5627/AD5667.
The power supply to the AD5627R/AD5647R/AD5667R,
AD5627/AD5667 should be bypassed with 10 µF and 0.1 µF
capacitors. The capacitors should be located as close as possible
to the device, with the 0.1 µF capacitor ideally right up against
the device. The 10 µF capacitor is the tantalum bead type. It is
important that the 0.1 µF capacitor have low effective series
resistance (ESR) and effective series inductance (ESI), for
example, common ceramic types of capacitors. This 0.1 µF
capacitor provides a low impedance path to ground for high
frequencies caused by transient currents due to internal logic
switching.
The power supply line itself should have as large a trace as
possible to provide a low impedance path and to reduce glitch
effects on the supply line. Clocks and other fast switching
digital signals should be shielded from other parts of the board
by digital ground. Avoid crossover of digital and analog signals
if possible. When traces cross on opposite sides of the board,
ensure that they run at right angles to each other to reduce
feedthrough effects through the board. The best board layout
technique is the microstrip technique where the component
side of the board is dedicated to the ground plane only and the
signal traces are placed on the solder side. However, this is not
always possible with a 2-layer board.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com