Electronic Components Datasheet Search
  English  ▼

X  

AD5678 Datasheet(PDF) 1 Page - Analog Devices

Part # AD5678
Description  4 횞 12-Bit and 4 횞 16-Bit Octal DAC with On-Chip Reference in 14-Lead TSSOP
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5678 Datasheet(HTML) 1 Page - Analog Devices

  AD5678 Datasheet HTML 1Page - Analog Devices AD5678 Datasheet HTML 2Page - Analog Devices AD5678 Datasheet HTML 3Page - Analog Devices AD5678 Datasheet HTML 4Page - Analog Devices AD5678 Datasheet HTML 5Page - Analog Devices AD5678 Datasheet HTML 6Page - Analog Devices AD5678 Datasheet HTML 7Page - Analog Devices AD5678 Datasheet HTML 8Page - Analog Devices AD5678 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 28 page
background image
4 × 12-Bit and 4 × 16-Bit Octal DAC with
On-Chip Reference in 14-Lead TSSOP
AD5678
Rev. A
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityis assumedbyAnalogDevicesforitsuse,norforanyinfringements of patents or other
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
www.analog.com
Fax: 781.461.3113
© 2005 Analog Devices, Inc. All rights reserved.
FEATURES
Low power octal DAC with
Four 16-bit DACs
Four 12-bit DACs
14-lead/16-lead TSSOP
On-chip 1.25 V/2.5 V, 5 ppm/°C reference
Power down to 400 nA @ 5 V, 200 nA @ 3 V
2.7 V to 5.5 V power supply
Guaranteed monotonic by design
Power-on reset to zero scale
3 power-down functions
Hardware LDAC and LDAC override function
CLR function to programmable code
Rail-to-rail operation
APPLICATIONS
Process control
Data acquisition systems
Portable battery-powered instruments
Digital gain and offset adjustment
Programmable voltage current sources
Programmable attenuators
FUNCTIONAL BLOCK DIAGRAM
INTERFACE
LOGIC
INPUT
REGISTER
DIN
LDAC
GND
VOUTH
VDD
LDAC1
VREFIN/VREFOUT
SYNC
SCLK
AD5678
CLR1
1RU-16 PACKAGE ONLY
1.25V/2.5V
REF
VOUTA
VOUTB
VOUTC
VOUTD
VOUTE
VOUTF
VOUTG
DAC
REGISTER
STRING
DAC A
BUFFER
INPUT
REGISTER
DAC
REGISTER
STRING
DAC B
BUFFER
INPUT
REGISTER
DAC
REGISTER
STRING
DAC C
BUFFER
INPUT
REGISTER
DAC
REGISTER
STRING
DAC D
BUFFER
INPUT
REGISTER
DAC
REGISTER
STRING
DAC E
BUFFER
INPUT
REGISTER
DAC
REGISTER
STRING
DAC F
BUFFER
INPUT
REGISTER
DAC
REGISTER
STRING
DAC G
BUFFER
INPUT
REGISTER
DAC
REGISTER
STRING
DAC H
BUFFER
POWER-DOWN
LOGIC
POWER-ON
RESET
Figure 1.
GENERAL DESCRIPTION
The AD5678 is a low power, octal, buffered voltage-output
DAC with four 12-bit DACs and four 16-bit DACs in a single
package. All devices operate from a single 2.7 V to 5.5 V supply
and are guaranteed monotonic by design.
The AD5678 has an on-chip reference with an internal gain of 2.
The AD5678-1 has a 1.25 V 5 ppm/°C reference, giving a full-
scale output of 2.5 V; the AD5678-2 has a 2.5 V 5 ppm/°C
reference, giving a full-scale output of 5 V. The on-board
reference is off at power-up, allowing the use of an external
reference. The internal reference is enabled via a software write.
The part incorporates a power-on reset circuit that ensures that
the DAC output powers up to 0 V and remains powered up at
this level until a valid write takes place. The part contains a
power-down feature that reduces the current consumption of
the device to 400 nA at 5 V and provides software-selectable
output loads while in power-down mode for any or all DAC
channels.
The outputs of all DACs can be updated simultaneously using
the LDAC function, with the added functionality of user-
selectable DAC channels to simultaneously update. There is
also an asynchronous CLR that clears all DACs to a software-
selectable code—0 V, midscale, or full scale.
The AD5678 utilizes a versatile 3-wire serial interface that
operates at clock rates of up to 50 MHz and is compatible with
standard SPI®, QSPI™, MICROWIRE™, and DSP interface
standards. The on-chip precision output amplifier enables rail-
to-rail output swing.
PRODUCT HIGHLIGHTS
1.
Octal DAC (four 12-bit DACs and four 16-bit DACs).
2.
On-chip 1.25 V/2.5 V, 5 ppm/°C reference.
3.
Available in 14-lead/16-lead TSSOP.
4.
Power-on reset to 0 V.
5.
Power-down capability. When powered down, the DAC
typically consumes 200 nA at 3 V and 400 nA at 5 V.


Similar Part No. - AD5678

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD5678 AD-AD5678_15 Datasheet
734Kb / 28P
On-Chip Reference in 14-Lead TSSOP
REV. C
More results

Similar Description - AD5678

ManufacturerPart #DatasheetDescription
logo
Elpida Memory
HM5225165B ELPIDA-HM5225165B Datasheet
462Kb / 63P
256M LVTTL interface SDRAM 133 MHz/100 MHz 4-Mword 횞 16-bit 횞 4-bank/8-Mword 횞 8-bit 횞 4-bank /16-Mword 횞 4-bit 횞 4-bank PC/133, PC/100 SDRAM
logo
Analog Devices
AD5628 AD-AD5628 Datasheet
306Kb / 24P
Octal, 12-14-16 Bit Dac with 10ppm/째C Max On-Chip Reference in 14-Lead TSSOP
Revision 0
AD5666 AD-AD5666 Datasheet
823Kb / 28P
Quad, 16-Bit DAC with 5 ppm/C On-Chip Reference in 14-Lead TSSOP
11/05-Rev. 0 to Rev. A
logo
Elpida Memory
HM52Y25165B-B6 ELPIDA-HM52Y25165B-B6 Datasheet
363Kb / 60P
256M SDRAM 100 MHz 4-Mword 횞 16-bit 횞 4-bank /16-Mword 횞 4-bit 횞 4-bank
logo
Winbond
W9712G6JB WINBOND-W9712G6JB Datasheet
1Mb / 86P
2M 횞 4 BANKS 횞 16 BIT DDR2 SDRAM
logo
Analog Devices
AD5666 AD-AD5666_15 Datasheet
630Kb / 28P
Quad, 16-Bit DAC with 5 ppm/C On-Chip Reference in 14-Lead TSSOP
REV. D
AD5678 AD-AD5678_15 Datasheet
734Kb / 28P
On-Chip Reference in 14-Lead TSSOP
REV. C
logo
Texas Instruments
DAC80508 TI1-DAC80508 Datasheet
217Kb / 8P
Octal, 16-, 14-, 12-Bit, SPI, Voltage Output DAC with Internal Reference
DAC80508Z TI1-DAC80508Z Datasheet
2Mb / 53P
Octal, 16-, 14-, 12-Bit, SPI, Voltage Output DAC with Internal Reference
DAC80508 TI1-DAC80508_18 Datasheet
2Mb / 55P
Octal, 16-, 14-, 12-Bit, SPI, Voltage Output DAC with Internal Reference
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com