Electronic Components Datasheet Search
  English  ▼

X  

AD5678 Datasheet(PDF) 16 Page - Analog Devices

Part # AD5678
Description  4 횞 12-Bit and 4 횞 16-Bit Octal DAC with On-Chip Reference in 14-Lead TSSOP
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5678 Datasheet(HTML) 16 Page - Analog Devices

Back Button AD5678 Datasheet HTML 12Page - Analog Devices AD5678 Datasheet HTML 13Page - Analog Devices AD5678 Datasheet HTML 14Page - Analog Devices AD5678 Datasheet HTML 15Page - Analog Devices AD5678 Datasheet HTML 16Page - Analog Devices AD5678 Datasheet HTML 17Page - Analog Devices AD5678 Datasheet HTML 18Page - Analog Devices AD5678 Datasheet HTML 19Page - Analog Devices AD5678 Datasheet HTML 20Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 28 page
background image
AD5678
Rev. A | Page 16 of 28
SAMPLE
2.505
2.485
0
512
64
128
192
256
320
384
448
VDD = 5V
VREFOUT = 2.5V
TA = 25°C
4ns/SAMPLE NUMBER
GLITCH IMPULSE = 3.55nV-s
1 LSB CHANGE AROUND
MIDSCALE (0x8000 TO 0x7FFF)
2.486
2.487
2.488
2.489
2.490
2.491
2.492
2.493
2.494
2.495
2.496
2.497
2.498
2.499
2.500
2.501
2.502
2.503
2.504
Figure 34. Digital-to-Analog Glitch Impulse (Negative)
SAMPLE
2.5000
2.4950
0
512
2.4955
2.4960
2.4965
2.4970
2.4975
2.4980
2.4985
2.4990
2.4995
64
128
192
256
320
384
448
VDD = 5V
VREFOUT = 2.5V
TA = 25°C
4ns/SAMPLE NUMBER
Figure 35. Analog Crosstalk
SAMPLE
2.4900
2.4855
0
512
64
128
192
256
320
384
448
2.4860
2.4865
2.4870
2.4875
2.4880
2.4885
2.4890
2.4895
VDD = 5V
VREFOUT = 2.5V
TA = 25°C
4ns/SAMPLE NUMBER
Figure 36. DAC-to-DAC Crosstalk
1
Y AXIS = 2
μV/DIV
X AXIS = 4s/DIV
VDD = VREF = 5V
TA = 25°C
DAC LOADED WITH MIDSCALE
Figure 37. 0.1 Hz to 10 Hz Output Noise Plot, External Reference
5s/DIV
1
VDD = 5V
VREFOUT = 2.5V
TA = 25°C
DAC LOADED WITH MIDSCALE
Figure 38. 0.1 Hz to 10 Hz Output Noise Plot, Internal Reference
4s/DIV
1
VDD = 3V
VREFOUT = 1.25V
TA = 25°C
DAC LOADED WITH MIDSCALE
Figure 39. 0.1 Hz to 10 Hz Output Noise Plot, Internal Reference



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com