Electronic Components Datasheet Search
  English  ▼

X  

2SC5436 Datasheet(PDF) 23 Page - Renesas Technology Corp

Part # 2SC5436
Description  NPN SILICON RF TWIN TRANSISTOR
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

2SC5436 Datasheet(HTML) 23 Page - Renesas Technology Corp

Back Button 2SC5436 Datasheet HTML 19Page - Renesas Technology Corp 2SC5436 Datasheet HTML 20Page - Renesas Technology Corp 2SC5436 Datasheet HTML 21Page - Renesas Technology Corp 2SC5436 Datasheet HTML 22Page - Renesas Technology Corp 2SC5436 Datasheet HTML 23Page - Renesas Technology Corp 2SC5436 Datasheet HTML 24Page - Renesas Technology Corp 2SC5436 Datasheet HTML 25Page - Renesas Technology Corp 2SC5436 Datasheet HTML 26Page - Renesas Technology Corp 2SC5436 Datasheet HTML 27Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 30 page
background image
Data Sheet PU10057EJ02V0DS
21
µµµµPA861TD
VCE = 1 V, IC = 5 mA, ZO = 50
Ω
Frequency
S11
S21
S12
S22
(GHz)
MAG.
ANG.
(deg.)
MAG.
ANG.
(deg.)
MAG.
ANG.
(deg.)
MAG.
ANG.
(deg.)
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
1.1
1.2
1.3
1.4
1.5
1.6
1.7
1.8
1.9
2.0
2.1
2.2
2.3
2.4
2.5
2.6
2.7
2.8
2.9
3.0
4.0
5.0
0.766
0.736
0.681
0.635
0.574
0.529
0.483
0.445
0.416
0.391
0.372
0.356
0.345
0.337
0.330
0.325
0.316
0.313
0.311
0.309
0.303
0.300
0.296
0.295
0.293
0.293
0.294
0.295
0.296
0.295
0.372
0.507
−11.3
−24.0
−35.5
−46.8
−56.6
−65.6
−74.5
−82.9
−90.5
−97.9
−104.6
−110.5
−116.1
−121.5
−126.1
−130.8
−134.4
−137.9
−140.8
−143.8
−147.2
−150.2
−152.7
−155.9
−158.8
−162.2
−165.4
−167.7
−170.1
−173.0
170.5
160.6
13.912
13.080
12.387
11.598
10.628
9.782
8.986
8.274
7.639
7.066
6.569
6.124
5.734
5.372
5.069
4.793
4.541
4.319
4.114
3.932
3.765
3.626
3.488
3.358
3.241
3.114
3.005
2.923
2.853
2.760
2.118
1.662
168.1
157.4
148.3
139.1
131.4
124.7
118.6
113.4
108.6
104.3
100.5
97.1
93.6
90.7
87.8
85.1
82.4
80.1
77.8
75.6
73.5
71.3
69.2
67.1
65.4
63.3
61.2
59.2
57.3
55.7
39.1
20.5
0.013
0.022
0.032
0.039
0.046
0.051
0.056
0.060
0.063
0.066
0.070
0.073
0.076
0.079
0.082
0.085
0.088
0.092
0.095
0.099
0.103
0.107
0.111
0.116
0.120
0.125
0.131
0.136
0.141
0.146
0.223
0.314
79.8
77.6
71.8
67.2
63.7
61.1
59.6
58.2
57.4
57.1
57.1
57.2
57.6
58.1
59.0
59.6
60.4
61.2
61.9
62.9
63.4
64.1
64.6
65.0
65.4
65.9
66.4
66.6
67.4
67.5
65.1
47.7
0.968
0.930
0.879
0.821
0.762
0.705
0.653
0.607
0.569
0.533
0.503
0.475
0.452
0.434
0.417
0.402
0.390
0.380
0.371
0.364
0.358
0.353
0.351
0.346
0.344
0.341
0.341
0.340
0.338
0.335
0.284
0.246
−7.4
−14.6
−20.8
−26.2
−30.6
−34.3
−37.3
−39.8
−42.0
−44.1
−45.7
−47.4
−48.9
−50.6
−52.3
−54.0
−55.8
−57.5
−59.3
−61.0
−62.9
−65.0
−66.9
−68.9
−70.8
−72.8
−74.6
−76.7
−78.1
−80.1
−107.0
−143.8
VCE = 1 V, IC = 7 mA, ZO = 50
Ω
Frequency
S11
S21
S12
S22
(GHz)
MAG.
ANG.
(deg.)
MAG.
ANG.
(deg.)
MAG.
ANG.
(deg.)
MAG.
ANG.
(deg.)
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
1.1
1.2
1.3
1.4
1.5
1.6
1.7
1.8
1.9
2.0
2.1
2.2
2.3
2.4
2.5
2.6
2.7
2.8
2.9
3.0
4.0
5.0
0.697
0.654
0.601
0.545
0.482
0.436
0.394
0.364
0.339
0.320
0.306
0.294
0.286
0.282
0.278
0.277
0.275
0.269
0.269
0.272
0.266
0.263
0.260
0.259
0.262
0.260
0.258
0.262
0.263
0.266
0.346
0.485
−14.5
−27.9
−40.4
−52.5
−62.8
−72.1
−81.3
−89.7
−97.6
−105.0
−112.0
−118.0
−123.5
−128.3
−132.9
−137.7
−140.7
−144.2
−147.4
−149.4
−152.7
−155.8
−159.1
−161.4
−164.5
−167.2
−170.3
−172.6
−174.8
−177.1
168.6
160.5
17.553
16.248
15.037
13.728
12.356
11.174
10.094
9.213
8.434
7.740
7.160
6.649
6.204
5.812
5.465
5.155
4.878
4.630
4.402
4.206
4.020
3.868
3.714
3.576
3.446
3.319
3.195
3.103
3.029
2.932
2.243
1.761
166.2
154.0
143.8
134.2
126.3
119.8
114.1
109.1
104.7
100.8
97.2
94.2
91.2
88.3
85.8
83.3
80.8
78.6
76.4
74.4
72.5
70.4
68.4
66.5
64.9
63.1
61.2
59.3
57.6
55.9
40.3
22.7
0.012
0.021
0.030
0.037
0.043
0.048
0.052
0.056
0.060
0.063
0.067
0.071
0.075
0.079
0.083
0.087
0.091
0.095
0.100
0.104
0.109
0.113
0.118
0.123
0.128
0.133
0.139
0.145
0.150
0.155
0.230
0.313
84.3
76.3
70.4
67.8
64.9
62.8
61.9
61.5
61.2
61.4
61.6
62.1
62.7
63.0
63.6
64.1
64.6
65.2
65.6
66.0
66.3
66.4
66.5
66.7
66.7
66.8
67.0
66.8
67.3
67.2
63.1
46.0
0.953
0.904
0.837
0.766
0.698
0.639
0.585
0.541
0.502
0.469
0.441
0.417
0.396
0.378
0.363
0.349
0.338
0.329
0.322
0.315
0.310
0.306
0.304
0.300
0.299
0.296
0.296
0.296
0.293
0.291
0.241
0.208
−8.9
−17.2
−24.0
−29.6
−33.7
−37.1
−39.8
−42.0
−43.7
−45.3
−46.7
−48.0
−49.5
−51.0
−52.5
−54.1
−55.7
−57.3
−59.1
−60.9
−62.7
−64.8
−66.5
−68.7
−70.5
−72.7
−74.4
−76.5
−77.7
−79.9
−107.9
−144.4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com