Electronic Components Datasheet Search
  English  ▼

X  

2SC5436 Datasheet(PDF) 27 Page - Renesas Technology Corp

Part # 2SC5436
Description  NPN SILICON RF TWIN TRANSISTOR
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

2SC5436 Datasheet(HTML) 27 Page - Renesas Technology Corp

Back Button 2SC5436 Datasheet HTML 22Page - Renesas Technology Corp 2SC5436 Datasheet HTML 23Page - Renesas Technology Corp 2SC5436 Datasheet HTML 24Page - Renesas Technology Corp 2SC5436 Datasheet HTML 25Page - Renesas Technology Corp 2SC5436 Datasheet HTML 26Page - Renesas Technology Corp 2SC5436 Datasheet HTML 27Page - Renesas Technology Corp 2SC5436 Datasheet HTML 28Page - Renesas Technology Corp 2SC5436 Datasheet HTML 29Page - Renesas Technology Corp 2SC5436 Datasheet HTML 30Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 27 / 30 page
background image
Data Sheet PU10057EJ02V0DS
25
µµµµPA861TD
VCE = 2 V, IC = 10 mA, ZO = 50
Ω
Frequency
S11
S21
S12
S22
(GHz)
MAG.
ANG.
(deg.)
MAG.
ANG.
(deg.)
MAG.
ANG.
(deg.)
MAG.
ANG.
(deg.)
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
1.1
1.2
1.3
1.4
1.5
1.6
1.7
1.8
1.9
2.0
2.1
2.2
2.3
2.4
2.5
2.6
2.7
2.8
2.9
3.0
4.0
5.0
0.637
0.587
0.526
0.471
0.408
0.365
0.324
0.292
0.270
0.250
0.236
0.226
0.219
0.215
0.212
0.207
0.204
0.203
0.201
0.202
0.194
0.195
0.193
0.190
0.191
0.189
0.190
0.189
0.193
0.194
0.275
0.430
−14.8
−27.8
−39.9
−50.7
−59.7
−68.0
−76.1
−83.8
−90.8
−97.8
−104.3
−110.4
−116.3
−120.8
−125.0
−129.8
−133.1
−135.6
−139.3
−142.3
−145.2
−147.9
−150.6
−153.7
−156.5
−159.7
−162.4
−164.8
−167.3
−169.6
176.0
169.3
21.965
20.062
18.254
16.367
14.570
13.041
11.704
10.634
9.697
8.878
8.203
7.593
7.089
6.617
6.234
5.878
5.564
5.279
5.017
4.776
4.573
4.406
4.229
4.067
3.920
3.771
3.637
3.530
3.439
3.331
2.552
2.036
164.8
151.7
141.3
131.6
124.0
117.7
112.4
107.7
103.6
100.0
96.8
93.9
91.1
88.4
86.2
83.9
81.5
79.6
77.5
75.6
73.8
71.9
70.0
68.3
66.8
65.0
63.3
61.5
59.9
58.4
43.6
27.1
0.010
0.017
0.024
0.029
0.035
0.039
0.043
0.047
0.051
0.055
0.059
0.063
0.067
0.071
0.076
0.080
0.084
0.089
0.093
0.098
0.102
0.107
0.112
0.117
0.123
0.128
0.134
0.139
0.144
0.150
0.223
0.306
83.2
78.8
73.0
70.4
68.7
67.8
67.6
67.6
67.9
68.4
68.6
69.2
69.7
70.1
70.5
70.8
71.2
71.4
71.7
71.9
72.0
71.9
71.9
71.9
71.8
71.7
71.7
71.5
71.8
71.5
67.1
50.3
0.948
0.889
0.817
0.745
0.679
0.622
0.574
0.534
0.501
0.471
0.447
0.426
0.408
0.392
0.380
0.367
0.358
0.350
0.344
0.338
0.333
0.330
0.329
0.326
0.323
0.322
0.322
0.322
0.320
0.318
0.262
0.228
−8.9
−17.0
−23.2
−27.9
−31.1
−33.6
−35.4
−36.8
−38.0
−39.1
−40.0
−40.8
−41.8
−42.8
−44.1
−45.3
−46.7
−48.0
−49.5
−51.0
−52.7
−54.6
−56.1
−58.0
−59.6
−61.6
−63.2
−65.0
−66.2
−68.2
−91.7
−123.4
VCE = 2 V, IC = 20 mA, ZO = 50
Ω
Frequency
S11
S21
S12
S22
(GHz)
MAG.
ANG.
(deg.)
MAG.
ANG.
(deg.)
MAG.
ANG.
(deg.)
MAG.
ANG.
(deg.)
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
1.1
1.2
1.3
1.4
1.5
1.6
1.7
1.8
1.9
2.0
2.1
2.2
2.3
2.4
2.5
2.6
2.7
2.8
2.9
3.0
4.0
5.0
0.465
0.412
0.352
0.299
0.248
0.219
0.191
0.176
0.162
0.152
0.149
0.145
0.142
0.143
0.146
0.147
0.148
0.148
0.148
0.150
0.147
0.149
0.148
0.149
0.149
0.146
0.148
0.151
0.154
0.158
0.243
0.396
−18.5
−33.3
−46.4
−57.7
−66.8
−74.6
−83.7
−92.3
−100.2
−108.1
−115.6
−122.6
−127.6
−132.6
−136.6
−141.8
−144.3
−146.9
−149.6
−151.3
−154.5
−157.1
−159.5
−162.6
−165.4
−168.7
−171.5
−173.6
−175.5
−178.1
173.1
169.0
30.468
26.532
22.972
19.710
17.017
14.874
13.151
11.784
10.656
9.689
8.916
8.232
7.650
7.133
6.697
6.306
5.966
5.653
5.370
5.109
4.885
4.692
4.495
4.322
4.172
4.011
3.863
3.753
3.647
3.532
2.692
2.137
160.3
144.8
133.3
123.6
116.4
110.9
106.2
102.1
98.7
95.6
92.8
90.4
88.0
85.7
83.6
81.7
79.5
77.8
76.1
74.4
72.7
71.0
69.3
67.7
66.2
64.7
63.1
61.5
60.0
58.6
44.9
30.1
0.008
0.015
0.021
0.026
0.031
0.036
0.041
0.046
0.050
0.055
0.060
0.064
0.070
0.075
0.080
0.084
0.090
0.095
0.100
0.105
0.110
0.116
0.121
0.126
0.132
0.138
0.143
0.149
0.154
0.160
0.231
0.306
84.6
76.9
74.2
73.8
73.7
73.7
74.1
74.1
74.3
74.6
74.6
74.8
74.6
74.8
74.7
74.8
74.6
74.4
74.2
73.9
73.6
73.4
73.0
72.5
72.1
71.8
71.5
70.9
70.9
70.6
64.6
47.9
0.909
0.821
0.726
0.643
0.578
0.525
0.481
0.447
0.419
0.394
0.374
0.356
0.341
0.328
0.317
0.307
0.299
0.292
0.287
0.282
0.279
0.276
0.276
0.273
0.272
0.270
0.271
0.271
0.269
0.268
0.209
0.179
−11.5
−21.2
−27.4
−31.4
−33.7
−35.2
−36.1
−36.8
−37.4
−38.0
−38.6
−39.1
−39.9
−40.8
−41.9
−43.2
−44.3
−45.6
−47.1
−48.7
−50.3
−52.2
−53.8
−55.7
−57.5
−59.5
−61.2
−63.0
−64.2
−66.2
−90.6
−122.2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com