Electronic Components Datasheet Search
  English  ▼

X  

2SC5800 Datasheet(PDF) 3 Page - Renesas Technology Corp

Part # 2SC5800
Description  NPN SILICON RF TWIN TRANSISTOR
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

2SC5800 Datasheet(HTML) 3 Page - Renesas Technology Corp

  2SC5800 Datasheet HTML 1Page - Renesas Technology Corp 2SC5800 Datasheet HTML 2Page - Renesas Technology Corp 2SC5800 Datasheet HTML 3Page - Renesas Technology Corp 2SC5800 Datasheet HTML 4Page - Renesas Technology Corp 2SC5800 Datasheet HTML 5Page - Renesas Technology Corp 2SC5800 Datasheet HTML 6Page - Renesas Technology Corp 2SC5800 Datasheet HTML 7Page - Renesas Technology Corp 2SC5800 Datasheet HTML 8Page - Renesas Technology Corp 2SC5800 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
FEATURES
• Low voltage operation
• 2 different built-in transistors (2SC5435, 2SC5800)
Q1: Built-in high gain transistor
fT = 12.0 GHz TYP.,
S21e2 = 11.0 dB TYP. @ VCE = 3 V, IC = 10 mA, f = 2 GHz
Q2: Built-in low phase distortion transistor suited for OSC applications
fT = 4.5 GHz TYP.,
S21e2 = 4.0 dB TYP. @ VCE = 1 V, IC = 5 mA, f = 2 GHz
• 6-pin super lead-less minimold package
BUILT-IN TRANSISTORS
Q1
Q2
Flat-lead 3-pin thin-type ultra super minimold part No.
2SC5435
2SC5800
ORDERING INFORMATION
Part Number
Quantity
Supplying Form
µPA862TS
50 pcs (Non reel)
• 8 mm wide embossed taping
µPA862TS-T3
10 kpcs/reel
• Pin 1 (Q1 Collector), Pin 6 (Q1 Base) face the perforation side of the tape
Remark To order evaluation samples, contact your nearby sales office.
The unit sample quantity is 50 pcs.
DATA SHEET
Caution Observe precautions when handling because these devices are sensitive to electrostatic discharge.
The information in this document is subject to change without notice. Before using this document, please confirm that
this is the latest version.
Not all devices/types available in every country. Please check with local NEC Compound Semiconductor Devices
representative for availability and additional information.
NPN SILICON RF TWIN TRANSISTOR
µPA862TS
NPN SILICON RF TRANSISTOR (WITH 2 DIFFERENT ELEMENTS)
IN A 6-PIN SUPER LEAD-LESS MINIMOLD
Document No. PU10332EJ02V0DS (2nd edition)
Date Published September 2003 CP(K)
Printed in Japan
 NEC Compound Semiconductor Devices 2002, 2003
The mark
shows major revised points.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com