Electronic Components Datasheet Search
  English  ▼

X  

2SC5800 Datasheet(PDF) 4 Page - Renesas Technology Corp

Part # 2SC5800
Description  NPN SILICON RF TWIN TRANSISTOR
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

2SC5800 Datasheet(HTML) 4 Page - Renesas Technology Corp

  2SC5800 Datasheet HTML 1Page - Renesas Technology Corp 2SC5800 Datasheet HTML 2Page - Renesas Technology Corp 2SC5800 Datasheet HTML 3Page - Renesas Technology Corp 2SC5800 Datasheet HTML 4Page - Renesas Technology Corp 2SC5800 Datasheet HTML 5Page - Renesas Technology Corp 2SC5800 Datasheet HTML 6Page - Renesas Technology Corp 2SC5800 Datasheet HTML 7Page - Renesas Technology Corp 2SC5800 Datasheet HTML 8Page - Renesas Technology Corp 2SC5800 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
ABSOLUTE MAXIMUM RATINGS (TA = +25
°C)
Parameter
Symbol
Ratings
Unit
Q1
Q2
Collector to Base Voltage
VCBO
9
9
V
Collector to Emitter Voltage
VCEO
6
5.5
V
Emitter to Base Voltage
VEBO
2
1.5
V
Collector Current
IC
30
100
mA
110 in 1 element
Total Power Dissipation
Ptot
Note
130 in 2 elements
mW
Junction Temperature
Tj
150
°C
Storage Temperature
Tstg
−65 to +150
°C
Note Mounted on 1.08 cm
2
× 1.0 mm (t) glass epoxy PCB
Data Sheet PU10332EJ02V0DS
2
µPA862TS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com