Electronic Components Datasheet Search
  English  ▼

X  

9253B21 Datasheet(PDF) 1 Page - KISTLER INSTRUMENT CORPORATION

Part # 9253B21
Description  Multicomponent Force Plate –15 ... 30 kN, mounting plate 600x400 mm
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KISTLER [KISTLER INSTRUMENT CORPORATION]
Direct Link  https://www.kistler.com/NL/en/
Logo KISTLER - KISTLER INSTRUMENT CORPORATION

9253B21 Datasheet(HTML) 1 Page - KISTLER INSTRUMENT CORPORATION

  9253B21 Datasheet HTML 1Page - KISTLER INSTRUMENT CORPORATION 9253B21 Datasheet HTML 2Page - KISTLER INSTRUMENT CORPORATION 9253B21 Datasheet HTML 3Page - KISTLER INSTRUMENT CORPORATION 9253B21 Datasheet HTML 4Page - KISTLER INSTRUMENT CORPORATION 9253B21 Datasheet HTML 5Page - KISTLER INSTRUMENT CORPORATION 9253B21 Datasheet HTML 6Page - KISTLER INSTRUMENT CORPORATION 9253B21 Datasheet HTML 7Page - KISTLER INSTRUMENT CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
Page 1/7
Force
Multicomponent Force Plate
–15 ... 30 kN, mounting plate 600x400 mm
© 2009 ... 2018 Kistler Group,
Eulachstrasse 22, 8408 Winterthur, Switzerland
Tel. +41522241111, info@kistler.com, www.kistler.com. Kistler Group products are
protected by various intellectual property rights. For more details visit www.kistler.com
This information corresponds to the current state of knowledge. Kistler reserves
the right to make technical changes. Liability for consequential damage resulting
from the use of Kistler products is excluded.
Quartz multicomponent force plate for measuring forces and
moments. Large measuring range and wide frequency re-
sponse.
• Top plate: aluminum or steel
• Top plates available with tapped holes or T-slots, too
• Easy mounting
• Stable and reliable
Description
The multicomponent force plate consists of four force measu-
ring elements. Each element contains a preloaded force sensor.
The force sensor contains quartz rings which are mounted
between two steel plates in the housing of the sensor.
Two quartz rings are sensitive to shear and measure the force
components Fx and Fy, while a quartz ring sensitive to pressure
measures the component Fz of a force acting in any direction
on the force plate. The electrical charges proportional to the
different components are led via electrodes to the connector
contacts.
The 12 outputs of the four force measuring elements are con-
nected in the summing box so that the 3 force components Fx,
Fy, Fz can be measured whereas the 3 moment components Mx,
My, Mz can be calculated.
The four sensors are mounted ground-isolated. Therefore
ground loop problems are largely eliminated.
The force plate is corrosion-resistant and protected against
penetration of splashwater and cooling agents. Together with
a connecting cable Type 1687B5 or 1677A5 the force plate
corresponds to the degree of protection IP67.
An apron protects both sensor and cable from mechanical da-
mage.
Technical data
9253B11/B12
9253B21/22
9253B23
Range
Fx, Fy
kN
–10 ... 10
–15 ... 15
–12 ... 12
Fz
kN
–10 ... 20
–15 ... 30
–12 ... 25
Calibrated partial range
Fx, Fy
kN
0 ... 1
0 ... 1,5
0 ... 1,2
Fz
kN
0 ... 2
0 ... 3
0 ... 2,5
Overload
Fx, Fy
kN
–15/15
–20/20
–15/15
Fz
kN
–15/30
–20/40
–15/30
Threshold
N
<0,01
<0,01
<0,01
Sensitivity
Fx, Fy
pC/N
≈–7,8
≈–7,8
≈–7,8
Fz
pC/N
≈–3,7
≈–3,7
≈–3,7
Variation of the sensitivity
with a force acting within
the top plate
Fx, Fy, Fz
%
±1
±1
±1
Applications
• Dynamic and quasistatic measurement of the three orthogo-
nal components of a force.
• Cutting force mesurements while milling and grinding in
larger machines and in machining centers.
• Measurements on stamping machines.
• Measurements on wind tunnel models.
• Measurements of supporting forces on machinery founda-
tions.
• Measurements on rocket propulsion units.
• Measurements of wheel forces.
• Measurements of impact forces.
Type 9253B...


Similar Part No. - 9253B21

ManufacturerPart #DatasheetDescription
logo
TE Connectivity Ltd
925324-2 TEC-925324-2 Datasheet
53Kb / 1P
FASTIN-FASTON Connectors
Revised 7-95
925338 TEC-925338 Datasheet
38Kb / 1P
CI 2 Stift-und Buchsenkontakte
925341-1 TEC-925341-1 Datasheet
70Kb / 1P
FASTIN-FASTON Connectors
Revised 7-95
More results

Similar Description - 9253B21

ManufacturerPart #DatasheetDescription
logo
KISTLER INSTRUMENT CORP...
9129AA KISTLER-9129AA Datasheet
1Mb / 5P
Multicomponent Dynamometer –10 ... 10 kN, cover plate 90x105 mm
9139A KISTLER-9139A Datasheet
1Mb / 5P
Multicomponent Dynamometer Wide force measuring range, up to 30 kN, cover plate 140x190 mm
9255C KISTLER-9255C Datasheet
1Mb / 5P
Multicomponent Dynamometer –10 ... 60 kN, top plate 260x260 mm
9257B KISTLER-9257B Datasheet
1,015Kb / 5P
Multicomponent Dynamometer –5 ... 10 kN, top plate 100x170 mm
9260AA KISTLER-9260AA Datasheet
879Kb / 5P
Multicomponent Force Plate for Gait and Balance Analysis in Biomechanics, Fz 0 ... 5 kN
9281E KISTLER-9281E Datasheet
1,001Kb / 4P
Multicomponent Force Plate for Dynamic Applications in Biomechanics, Fz –10 ... 20 kN
9285B KISTLER-9285B Datasheet
485Kb / 3P
Multicomponent Force Plate with Glass Top Plate for Biomechanics, Fz 0 ... 10 kN
9286B KISTLER-9286B Datasheet
1Mb / 4P
Multicomponent Force Plate Portable – for Applications in Biomechanics, Fz 0 ... 10 kN
9287C KISTLER-9287C Datasheet
758Kb / 4P
Multicomponent force plate Large – for dynamic applications in biomechanics, Fz –10 ... 20 kN
9366CDSP KISTLER-9366CDSP Datasheet
281Kb / 6P
Multicomponent Force Link Set ø72 mm, –25 ... 60 kN
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com