Electronic Components Datasheet Search
  English  ▼

X  

9253B21 Datasheet(PDF) 2 Page - KISTLER INSTRUMENT CORPORATION

Part # 9253B21
Description  Multicomponent Force Plate –15 ... 30 kN, mounting plate 600x400 mm
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KISTLER [KISTLER INSTRUMENT CORPORATION]
Direct Link  https://www.kistler.com/NL/en/
Logo KISTLER - KISTLER INSTRUMENT CORPORATION

9253B21 Datasheet(HTML) 2 Page - KISTLER INSTRUMENT CORPORATION

  9253B21 Datasheet HTML 1Page - KISTLER INSTRUMENT CORPORATION 9253B21 Datasheet HTML 2Page - KISTLER INSTRUMENT CORPORATION 9253B21 Datasheet HTML 3Page - KISTLER INSTRUMENT CORPORATION 9253B21 Datasheet HTML 4Page - KISTLER INSTRUMENT CORPORATION 9253B21 Datasheet HTML 5Page - KISTLER INSTRUMENT CORPORATION 9253B21 Datasheet HTML 6Page - KISTLER INSTRUMENT CORPORATION 9253B21 Datasheet HTML 7Page - KISTLER INSTRUMENT CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
Page 2/7
Multicomponent Force Plate, –15 ... 30 kN, mounting plate 600x400 mm, Type 9253B...
© 2009 ... 2018 Kistler Group,
Eulachstrasse 22, 8408 Winterthur, Switzerland
Tel. +41522241111, info@kistler.com, www.kistler.com. Kistler Group products are
protected by various intellectual property rights. For more details visit www.kistler.com
This information corresponds to the current state of knowledge. Kistler reserves
the right to make technical changes. Liability for consequential damage resulting
from the use of Kistler products is excluded.
Other technical data
9253B11/12
9253B21/B22
9253B23
Linearity, all ranges
%FSO
≤±0,5
≤±0,5
≤±0,5
Hysteresis, all ranges
%FSO
≤0,5
≤0,5
≤0,5
Cross talk
%
≤±2
≤±2
≤±2
Rigidity
cx
N/µm
≈625
≈750
≈850
cy
N/µm
≈650
≈850
≈750
cz
N/µm
≈250
≈450
≈250
Natural frequency
fn (x)
Hz
≈800
≈580
≈610
fn (y)
Hz
≈750
≈550
≈570
fn (z)
Hz
≈850
≈720
≈570
Operating temperature
°C
–20 ... 70
–20 ... 70
–20 ... 70
Capacitance (each channel)
Fx, Fy
pF
≈600
≈600
≈600
Fz
pF
≈600
≈600
≈600
Insulation resistance (20 °C)
Ω
>1013
>1013
>1013
Ground isolation
Ω
>108
>108
>108
Degree of protection EN60529
IP67
IP67
IP67
Weight
kg
40
90
85
600
400
Fischer DBEE104A055-25
a
y
F
y
F
x
F
y
F
z
ø75
ø18,6
ø13
ø42
ø60
Fig.1: Type 9253B11 (aluminum top plate, smooth)



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com