Electronic Components Datasheet Search
  English  ▼

X  

9286BA Datasheet(PDF) 4 Page - KISTLER INSTRUMENT CORPORATION

Part # 9286BA
Description  Multicomponent Force Plate Portable – for Applications in Biomechanics, Fz 0 ... 10 kN
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KISTLER [KISTLER INSTRUMENT CORPORATION]
Direct Link  https://www.kistler.com/NL/en/
Logo KISTLER - KISTLER INSTRUMENT CORPORATION

9286BA Datasheet(HTML) 4 Page - KISTLER INSTRUMENT CORPORATION

  9286BA Datasheet HTML 1Page - KISTLER INSTRUMENT CORPORATION 9286BA Datasheet HTML 2Page - KISTLER INSTRUMENT CORPORATION 9286BA Datasheet HTML 3Page - KISTLER INSTRUMENT CORPORATION 9286BA Datasheet HTML 4Page - KISTLER INSTRUMENT CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
©2008 ... 2014, Kistler Group,
Eulachstrasse 22, 8408 Winterthur, Switzerland
Tel. +41 52 224 11 11, Fax +41 52 224 14 14, info@kistler.com, www.kistler.com
Kistler is a registered trademark of Kistler Holding AG.
This information corresponds to the current state of knowledge. Kistler reserves
the right to make technical changes. Liability for consequential damage resulting
from the use of Kistler products is excluded.
Page 4/4
Multicomponent Force Plate – Portable, for Applications in Biomechanics, Fz 0 ... 10 kN, Type 9286B...
Included Accessories
Type/Art. No.
• 1 shim set
7.050.031
• 1 voltage equalizing cable
5.590.175
Optional Accessories
Type/Art. No.
For Type 9286BA with built-in
charge amplifier
• 16ch DAQ-System for BioWare (USB 2.0)
5691A1
• Connection cable for 5691A, straight plug 1758A...
• Connection cable for 5691A, angle plug
1759A...
• 64ch DAQ-System for BioWare (USB 2.0)
5695B1
• Connection cable for 5695B, straight plug 1700A105B…
• Connection cable for 5695B, angle plug
1700A105A…
• External Control Unit (BNC out)
5233A2
• Connection cable, straight for Type 5233A... 1760A...
• Connection cable, angled for Type 5233A... 1757A...
• DAQ system BioWare (PCI-Bus)
2812A...
Portable Multicomponent Force Plate
with charge output
–
with built-in charge amplifier
A
Ordering Key
Type 9286B
Fig. 12:
Configuration of a typical measuring chain
Ch 1 = Fx 1+2
Ch 5 = Fz 1
Ch 2 = Fx 3+4
Ch 6 = Fz 2
Ch 3 = Fy 1+4
Ch 7 = Fz 3
Ch 4 = Fy 2+3
Ch 8 = Fz 4
Force plate
with built-in charge amplifier
Type 9286BA
Connection cable
Type 1760A...
External Control Unit
(8xBNC neg.) Type 5233A2
DAQ system provided by user
(8 analog channels)
Typical Measuring Chains
Force plate
with built-in charge amplifier
Type 9286BA
Connection cable
Type 1758A...
DAQ system (USB 2.0)
Type 5691A1
Laptop (provided by user)
with BioWare
Fig. 11:
Configuration of a typical measuring chain with Kistler DAQ system BioWare®
BioWare® is a registered trade mark of Kistler Holding AG.
For Type 9286B with charge output
• External charge amplifier
9865E...
• Connection cable, straight plug
1685B...
• Connection cable, angle plug
1686A...
• DAQ system for BioWare (PCI-Bus) 2812A...
For Type 9286B...
• Walkway, central piece
9401C01
• Walkway, extension
9401C02
• Walkway, intermediary piece
9401C03
• Walkway, ramp
9401C04



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com