Electronic Components Datasheet Search
  English  ▼

X  

9286BA Datasheet(PDF) 1 Page - KISTLER INSTRUMENT CORPORATION

Part # 9286BA
Description  Multicomponent Force Plate Portable – for Applications in Biomechanics, Fz 0 ... 10 kN
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KISTLER [KISTLER INSTRUMENT CORPORATION]
Direct Link  https://www.kistler.com/NL/en/
Logo KISTLER - KISTLER INSTRUMENT CORPORATION

9286BA Datasheet(HTML) 1 Page - KISTLER INSTRUMENT CORPORATION

  9286BA Datasheet HTML 1Page - KISTLER INSTRUMENT CORPORATION 9286BA Datasheet HTML 2Page - KISTLER INSTRUMENT CORPORATION 9286BA Datasheet HTML 3Page - KISTLER INSTRUMENT CORPORATION 9286BA Datasheet HTML 4Page - KISTLER INSTRUMENT CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
©2008 ... 2014, Kistler Group,
Eulachstrasse 22, 8408 Winterthur, Switzerland
Tel. +41 52 224 11 11, Fax +41 52 224 14 14, info@kistler.com, www.kistler.com
Kistler is a registered trademark of Kistler Holding AG.
This information corresponds to the current state of knowledge. Kistler reserves
the right to make technical changes. Liability for consequential damage resulting
from the use of Kistler products is excluded.
Page 1/4
Force
Multicomponent Force Plate
Portable – for Applications in Biomechanics, Fz 0 ... 10 kN
Type 9286B...
Portable multicomponent force plate with aluminum top plate
for measuring ground reaction forces, moments and the center
of pressure in biomechanics.
• Excellent accuracy of center of pressure (COP)
• Very wide measuring range
• Easy mounting
• Flexible, mobile application
• Threshold Fz <250 mN
Description
Rather than conventional frame mounted force plates, the
multicomponent force plate Type 9286B... can simply be used
on any flat surface. This drastically cuts installation costs. The
plate's low overall height of just 35 mm and weight of under
18 kg allows flexible, portable use.
The piezoelectric 3-component force sensors have very low
crosstalk values and in conjunction with the special design
principle ensure excellent accuracy of the center of pressure.
Application
This force plate is designed specifically for use in gait and bal-
ance analyses. The Type 9286BA has a built-in charge amplifier
compatible with all of the common motion analysis systems.
Despite the very wide measuring range (0 ... 10 kN), this force
plate offers excellent accuracy and linearity over the entire
spectrum of applications (4 measuring ranges) and guarantees
overload protection up to 12 kN.
Technical Data
Dimensions
mm
600x400x35
Measuring range
Fx, Fy
kN
–2,5 ... 2,5
Fz
kN
0 ... 10
Overload
Fx, Fy
kN
–3/3
Fz
kN
0/12
Linearity
%FSO
<±0,2
Hysteresis
%FSO
<0,3
Crosstalk
Fx <–> Fy
%
<±1,5
Fx, Fy –> Fz
%
<±2,0
Fz –> Fx, Fy
%
<±0,51)
Rigidity
x-axis (ay = 0)
N/μm
≈12
y-axis (ax = 0)
N/μm
≈12
z-axis (ax = ay = 0)
N/μm
≈8
Natural frequency
fn (x, y)
Hz
≈350
fn (z)
Hz
≈200
Operating temperature range
°C
0 ... 60
Weight
kg
17,5
Degree of protection
EN 60529:1992
IP50/IP632)
Force Plate without Charge Amplifier, Type 9286B
Calibrated range
Fx, Fy
kN
–2,5 ... 2,5
Fz
kN
0 ... 5
Calibrated partial range
Fx, Fy
kN
0 ... 0,25
Fz
kN
0 ... 1
Threshold
Fx, Fy, Fz
mN
<10
Sensitivity
Fx, Fy
pC/N
–7,83)
Fz
pC/N
–3,63)
1) inside sensor rectangle
2) Type 9286B with charge output IP63
3) nominal value
z
x
y


Similar Part No. - 9286BA

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
9286-200 AVX-9286-200 Datasheet
665Kb / 8P
Reduced Thru Wire Connector 18-24 AWG: WTW
9286-250 AVX-9286-250 Datasheet
522Kb / 5P
Reduced Junction Box Connector 18-24 AWG: WTW
9286-300 AVX-9286-300 Datasheet
378Kb / 4P
Thru Wire Connector 12-16AWG: WTW
logo
AVAGO TECHNOLOGIES LIMI...
9286-8E AVAGO-9286-8E Datasheet
608Kb / 2P
Built on MegaRAID
logo
List of Unclassifed Man...
928623 ETC-928623 Datasheet
2Mb / 8P
Models 5MFP & 10MFP with Moduflow™ and Intelli-Cart™
More results

Similar Description - 9286BA

ManufacturerPart #DatasheetDescription
logo
KISTLER INSTRUMENT CORP...
9129AA KISTLER-9129AA Datasheet
1Mb / 5P
Multicomponent Dynamometer –10 ... 10 kN, cover plate 90x105 mm
9139A KISTLER-9139A Datasheet
1Mb / 5P
Multicomponent Dynamometer Wide force measuring range, up to 30 kN, cover plate 140x190 mm
9253B KISTLER-9253B Datasheet
1Mb / 7P
Multicomponent Force Plate –15 ... 30 kN, mounting plate 600x400 mm
9255C KISTLER-9255C Datasheet
1Mb / 5P
Multicomponent Dynamometer –10 ... 60 kN, top plate 260x260 mm
9257B KISTLER-9257B Datasheet
1,015Kb / 5P
Multicomponent Dynamometer –5 ... 10 kN, top plate 100x170 mm
9260AA KISTLER-9260AA Datasheet
879Kb / 5P
Multicomponent Force Plate for Gait and Balance Analysis in Biomechanics, Fz 0 ... 5 kN
9281E KISTLER-9281E Datasheet
1,001Kb / 4P
Multicomponent Force Plate for Dynamic Applications in Biomechanics, Fz –10 ... 20 kN
9285B KISTLER-9285B Datasheet
485Kb / 3P
Multicomponent Force Plate with Glass Top Plate for Biomechanics, Fz 0 ... 10 kN
9287C KISTLER-9287C Datasheet
758Kb / 4P
Multicomponent force plate Large – for dynamic applications in biomechanics, Fz –10 ... 20 kN
9366CDSP KISTLER-9366CDSP Datasheet
281Kb / 6P
Multicomponent Force Link Set ø72 mm, –25 ... 60 kN
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com