Electronic Components Datasheet Search
  English  ▼

X  

BSP090 Datasheet(PDF) 5 Page - NXP Semiconductors

Part # BSP090
Description  P-channel enhancement mode vertical D-MOS transistor
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BSP090 Datasheet(HTML) 5 Page - NXP Semiconductors

  BSP090 Datasheet HTML 1Page - NXP Semiconductors BSP090 Datasheet HTML 2Page - NXP Semiconductors BSP090 Datasheet HTML 3Page - NXP Semiconductors BSP090 Datasheet HTML 4Page - NXP Semiconductors BSP090 Datasheet HTML 5Page - NXP Semiconductors BSP090 Datasheet HTML 6Page - NXP Semiconductors BSP090 Datasheet HTML 7Page - NXP Semiconductors BSP090 Datasheet HTML 8Page - NXP Semiconductors BSP090 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
1997 Mar 13
5
Philips Semiconductors
Product specification
P-channel enhancement mode vertical
D-MOS transistor
BSP090
CHARACTERISTICS
Tj =25 °C; unless otherwise specified.
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
V(BR)DSS
drain-source breakdown voltage
VGS = 0; ID = −10 µA
−30
−−
V
VGSth
gate-source threshold voltage
VGS =VDS; ID = −1mA
−1
−−2.8
V
IDSS
drain-source leakage current
VGS = 0; VDS = −24 V
−−
−500
nA
IGSS
gate leakage current
VGS = ±20 V; VDS =0
−−
±100
nA
RDSon
drain-source on-state resistance
VGS = −4.5 V; ID = −1.4 A
−−
0.15
Ω
VGS = −10 V; ID = −2.8 A
−−
0.09
Ω
Ciss
input capacitance
VGS = 0; VDS = −24 V; f = 1 MHz
−
800
−
pF
Coss
output capacitance
VGS = 0; VDS = −24 V; f = 1 MHz
−
400
−
pF
Crss
reverse transfer capacitance
VGS = 0; VDS = −24 V; f = 1 MHz
−
100
−
pF
Qg
total gate charge
VGS = −10 V; VDD = −15 V;
ID = −2.8 A; Tamb =25 °C
−
21
−
nC
Qgs
gate-source charge
VGS = −10 V; VDD = −15 V;
ID = −2.8 A; Tamb =25 °C
−
2.5
−
nC
Qgd
gate-drain charge
VGS = −10 V; VDD = −15 V;
ID = −2.8 A; Tamb =25 °C
−
6
−
nC
td(on)
turn-on delay time
VGS =0to −10 V; VDD = −15 V;
ID = −1 A; RL =15 Ω; Rgen =6 Ω
−
6
−
ns
tr
rise time
VGS =0to −10 V; VDD = −15 V;
ID = −1 A; RL =15 Ω; Rgen =6 Ω
−
6
−
ns
ton
turn-on switching time
VGS =0to −10 V; VDD = −15 V;
ID = −1 A; RL =15 Ω; Rgen =6 Ω
−
12
25
ns
td(off)
turn-off delay time
VGS = −10 to 0 V; VDD = −15 V;
ID = −1 A; RL =15 Ω; Rgen =6 Ω
−
55
−
ns
tf
fall time
VGS = −10 to 0 V; VDD = −15 V;
ID = −1 A; RL =15 Ω; Rgen =6 Ω
−
40
−
ns
toff
turn-off switching time
VGS = −10 to 0 V; VDD = −15 V;
ID = −1 A; RL =15 Ω; Rgen =6 Ω
−
95
190
ns
Source-drain diode
VSD
source-drain diode forward voltage
VGD = 0; IS = −1.25 A
−−
−1.3
V
trr
reverse recovery time
IS = −1.25 A; di/dt = 100 A/µs
−
70
−
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com