Electronic Components Datasheet Search
  English  ▼

X  

BSP090 Datasheet(PDF) 7 Page - NXP Semiconductors

Part # BSP090
Description  P-channel enhancement mode vertical D-MOS transistor
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BSP090 Datasheet(HTML) 7 Page - NXP Semiconductors

Back Button BSP090 Datasheet HTML 3Page - NXP Semiconductors BSP090 Datasheet HTML 4Page - NXP Semiconductors BSP090 Datasheet HTML 5Page - NXP Semiconductors BSP090 Datasheet HTML 6Page - NXP Semiconductors BSP090 Datasheet HTML 7Page - NXP Semiconductors BSP090 Datasheet HTML 8Page - NXP Semiconductors BSP090 Datasheet HTML 9Page - NXP Semiconductors BSP090 Datasheet HTML 10Page - NXP Semiconductors BSP090 Datasheet HTML 11Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
1997 Mar 13
7
Philips Semiconductors
Product specification
P-channel enhancement mode vertical
D-MOS transistor
BSP090
Fig.6
Capacitance as a function of drain-source
voltage; typical values.
VGS = 0; f = 1 MHz; Tj =25 °C.
(1) Ciss.
(2) Coss.
(3) Crss.
handbook, halfpage
0
−8
(1)
(2)
(3)
−16
VDS (V)
−24
2000
C
(pF)
1500
500
0
1000
MGD729
Fig.7 Output characteristics; typical values.
Tamb =25 °C; tp =80 µs; δ =0.
handbook, halfpage
0
−4
ID
(A)
−8
VDS (V)
−12
−25
0
−20
−3.5 V
−2.5 V
−15
−10
−5
MGD730
VGS =
−10 V
−6 V
−5 V
−4.5 V
−3 V
−4 V
Fig.8 Transfer characteristics; typical values.
VDS = −10 V; Tamb =25 °C; tp =80 µs; δ =0.
handbook, halfpage
0
−30
−20
−10
0
−2
ID
(A)
−4
−8
−6
VGS (V)
MGD731
Fig.9
Gate-source voltage and drain-source
voltage as a function of total gate charge;
typical values.
VDD = −15 V; ID = −2.8 A; Tamb =25 °C.
handbook, halfpage
0
−12
−8
−4
0
10
VGS
(V)
VGS
−18
−12
−6
0
VDS
(V)
20
QG (nC)
30
MGD732
VDS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com