Electronic Components Datasheet Search
  English  ▼

X  

BSP100 Datasheet(PDF) 5 Page - NXP Semiconductors

Part # BSP100
Description  N-channel enhancement mode TrenchMOS transistor
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BSP100 Datasheet(HTML) 5 Page - NXP Semiconductors

  BSP100 Datasheet HTML 1Page - NXP Semiconductors BSP100 Datasheet HTML 2Page - NXP Semiconductors BSP100 Datasheet HTML 3Page - NXP Semiconductors BSP100 Datasheet HTML 4Page - NXP Semiconductors BSP100 Datasheet HTML 5Page - NXP Semiconductors BSP100 Datasheet HTML 6Page - NXP Semiconductors BSP100 Datasheet HTML 7Page - NXP Semiconductors BSP100 Datasheet HTML 8Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
Philips Semiconductors
Product specification
N-channel enhancement mode
BSP100
TrenchMOS
™ transistor
Fig.11. Sub-threshold drain current.
I
D = f(VGS); conditions: Tj = 25 ˚C; VDS = VGS
Fig.12. Typical capacitances, C
iss, Coss, Crss.
C = f(V
DS); conditions: VGS = 0 V; f = 1 MHz
Fig.13. Typical turn-on gate-charge characteristics.
V
GS = f(QG); parameter VDS
Fig.14. Typical reverse diode current.
I
F = f(VSDS); conditions: VGS = 0 V; parameter Tj
Fig.15. Maximum permissible non-repetitive
avalanche current (I
AS) versus avalanche time (tp);
unclamped inductive load
012345
1E-06
1E-05
1E-04
1E-03
1E-02
1E-01
Sub-Threshold Conduction
typ
min
max
0
1
2
3
4
5
6
7
8
9
10
0
0.1 0.2 0.3 0.4 0.5 0.6 0.7 0.8 0.9
1
1.1 1.2 1.3 1.4 1.5
Drain-Source Voltage, VSDS (V)
Source-Drain Diode Current, IF (A)
Tj = 25 C
150 C
VGS = 0 V
10
100
1000
0.1
1
10
100
Drain-Source Voltage, VDS (V)
Capacitances, Ciss, Coss, Crss (pF)
Ciss
Coss
Crss
BSP100
0.1
1
10
1E-06
1E-05
1E-04
1E-03
1E-02
Avalanche time, tp (s)
Non-repetitive Avalanche current, IAS (A)
25 C
VDS
ID
tp
Tj prior to avalanche =125 C
0
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
012
34567
89
10
Gate charge, QG (nC)
Gate-source voltage, VGS (V)
ID = 2.3A
Tj = 25 C
VDD = 15 V
February 1999
5
Rev 1.000



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com