Electronic Components Datasheet Search
  English  ▼

X  

BSP106 Datasheet(PDF) 6 Page - NXP Semiconductors

Part # BSP106
Description  N-channel enhancement mode vertical D-MOS transistor
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BSP106 Datasheet(HTML) 6 Page - NXP Semiconductors

Back Button BSP106 Datasheet HTML 2Page - NXP Semiconductors BSP106 Datasheet HTML 3Page - NXP Semiconductors BSP106 Datasheet HTML 4Page - NXP Semiconductors BSP106 Datasheet HTML 5Page - NXP Semiconductors BSP106 Datasheet HTML 6Page - NXP Semiconductors BSP106 Datasheet HTML 7Page - NXP Semiconductors BSP106 Datasheet HTML 8Page - NXP Semiconductors BSP106 Datasheet HTML 9Page - NXP Semiconductors BSP106 Datasheet HTML 10Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
April 1995
6
Philips Semiconductors
Product specification
N-channel enhancement mode vertical
D-MOS transistor
BSP106
Fig.6
Typical transfer characteristic; VDS = 10 V;
Tj = 25 °C.
handbook, halfpage
0
1.2
0.8
0.4
0
2
VGS (V)
ID
(A)
48
6
MDA719
Fig.7
Typical on-resistance as a function of drain
current; Tj = 25 °C.
handbook, halfpage
0
20
4
8
12
16
MDA720
110
ID (mA)
RDSon
(
Ω)
102
103
104
VGS = 3 V
4 V
5 V
10 V
Fig.8
Typical capacitances as a function of
drain-source voltage; VGS = 0; f = 1 MHz;
Tj = 25 °C.
handbook, halfpage
0
60
80
40
20
0
510
25
20
15
MDA721
C
(pF)
VDS (V)
Crss
Ciss
Coss
Fig.9
Temperature coefficient of drain-source
on-resistance;
typical RDS(on) at 200 mA/10 V.
k
R
DS on
() at Tj
R
DS on
() at 25 °C
----------------------------------------------
;
=
handbook, halfpage
−50
0
50
k
Tj (°C)
150
2.4
0.4
2
100
1.6
1.2
0.8
MDA722



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com