Electronic Components Datasheet Search
  English  ▼

X  

BSP106 Datasheet(PDF) 8 Page - NXP Semiconductors

Part # BSP106
Description  N-channel enhancement mode vertical D-MOS transistor
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BSP106 Datasheet(HTML) 8 Page - NXP Semiconductors

Back Button BSP106 Datasheet HTML 4Page - NXP Semiconductors BSP106 Datasheet HTML 5Page - NXP Semiconductors BSP106 Datasheet HTML 6Page - NXP Semiconductors BSP106 Datasheet HTML 7Page - NXP Semiconductors BSP106 Datasheet HTML 8Page - NXP Semiconductors BSP106 Datasheet HTML 9Page - NXP Semiconductors BSP106 Datasheet HTML 10Page - NXP Semiconductors BSP106 Datasheet HTML 11Page - NXP Semiconductors BSP106 Datasheet HTML 12Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
April 1995
8
Philips Semiconductors
Product specification
N-channel enhancement mode vertical
D-MOS transistor
BSP106
PACKAGE OUTLINES
REFERENCES
OUTLINE
VERSION
EUROPEAN
PROJECTION
ISSUE DATE
IEC
JEDEC
EIAJ
SOT429
TO-247
98-03-24
0
10
20 mm
scale
Plastic single-ended package; heatsink mounted; 1 mounting hole; 3-lead TO-247
SOT429
E
P
A
A1
β
w M
b
12
3
e
e
b1
b2
c
Q
q
L
Y
R
D
S
L1
(1)
α
UNIT
A1
D
b
E
e
w
S
R
q
Q
P
LY
b2
b1
c
L1
(1)
DIMENSIONS (mm are the original dimensions)
A
β
α
mm
17
°
13
°
6
°
4
°
5.3
4.7
1.9
1.7
2.2
1.8
1.2
0.9
3.2
2.8
0.9
0.6
21
20
16
15
5.45
3.7
3.3
2.6
2.4
5.3
7.5
7.1
0.4
15.7
15.3
16
15
4.0
3.6
3.5
3.3
Note
1. Tinning of terminals are uncontrolled within zone L1.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com