Electronic Components Datasheet Search
  English  ▼

X  

ISO35M Datasheet(PDF) 13 Page - Texas Instruments

Part # ISO35M
Description  ISOx5 Isolated 3.3-V Half- and Full-Duplex RS-485 Transceivers
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ISO35M Datasheet(HTML) 13 Page - Texas Instruments

Back Button ISO35M Datasheet HTML 9Page - Texas Instruments ISO35M Datasheet HTML 10Page - Texas Instruments ISO35M Datasheet HTML 11Page - Texas Instruments ISO35M Datasheet HTML 12Page - Texas Instruments ISO35M Datasheet HTML 13Page - Texas Instruments ISO35M Datasheet HTML 14Page - Texas Instruments ISO35M Datasheet HTML 15Page - Texas Instruments ISO35M Datasheet HTML 16Page - Texas Instruments ISO35M Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 32 page
background image
DE
5
D
6
R
3
4
RE
Y
Z
B
A
14
11
12
13
ISO35x
ISO15x
D
R
B
A
13
12
DE
6
5
3
4
RE
ISO15, ISO35, ISO15M, ISO35M
www.ti.com
SLOS580G – MAY 2008 – REVISED MARCH 2015
9 Detailed Description
9.1 Overview
The ISO15 and ISO15M are isolated half-duplex differential line drivers and receivers while the ISO35 and
ISO35M are isolated full-duplex differential line transceivers for TIA/EIA 485/422 applications. They are rated to
provide galvanic isolation of up to 2500 Vrms for 60 sec as per the standard. They have active-high driver enables
and active-low receiver enables to control the data flow.
When the driver enable pin, DE, is logic high, the differential outputs Y and Z follow the logic states at data input
D. A logic high at D causes Y to turn high and Z to turn low. In this case the differential output voltage defined as
VOD = V(Y) – V(Z) is positive. When D is low, the output states reverse, Z turns high, Y becomes low, and VOD is
negative. When DE is low, both outputs turn high-impedance. In this condition the logic state at D is irrelevant.
The DE pin has an internal pulldown resistor to ground, thus when left open the driver is disabled (high-
impedance) by default. The D pin has an internal pullup resistor to VCC, thus, when left open while the driver is
enabled, output Y turns high and Z turns low.
When the receiver enable pin, RE, is logic low, the receiver is enabled. When the differential input voltage
defined as VID = V(A) – V(B) is positive and higher than the positive input threshold, VIT+, the receiver output, R,
turns high. When VID is negative and less than the negative and lower than the negative input threshold, VIT– ,
the receiver output, R, turns low. If VID is between VIT+ and VIT– the output is indeterminate. When RE is logic
high or left open, the receiver output is high-impedance and the magnitude and polarity of VID are irrelevant.
Internal biasing of the receiver inputs causes the output to go failsafe-high when the transceiver is disconnected
from the bus (open-circuit), the bus lines are shorted (short-circuit), or the bus is not actively driven (idle bus).
9.2 Functional Block Diagrams
Copyright © 2008–2015, Texas Instruments Incorporated
Submit Documentation Feedback
13
Product Folder Links: ISO15 ISO35 ISO15M ISO35M



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com