Electronic Components Datasheet Search
  English  ▼

X  

BSP107 Datasheet(PDF) 6 Page - NXP Semiconductors

Part # BSP107
Description  N-channel enhancement mode vertical D-MOS transistor
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BSP107 Datasheet(HTML) 6 Page - NXP Semiconductors

Back Button BSP107 Datasheet HTML 2Page - NXP Semiconductors BSP107 Datasheet HTML 3Page - NXP Semiconductors BSP107 Datasheet HTML 4Page - NXP Semiconductors BSP107 Datasheet HTML 5Page - NXP Semiconductors BSP107 Datasheet HTML 6Page - NXP Semiconductors BSP107 Datasheet HTML 7Page - NXP Semiconductors BSP107 Datasheet HTML 8Page - NXP Semiconductors BSP107 Datasheet HTML 9Page - NXP Semiconductors BSP107 Datasheet HTML 10Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
April 1995
6
Philips Semiconductors
Product specification
N-channel enhancement mode vertical
D-MOS transistor
BSP107
Fig.6
Typical on-resistance as a function of drain
current; Tj =25° C.
handbook, halfpage
30
10
1
MDA702
10
ID (mA)
102
10
3
14
18
22
26
RDSon
(
Ω)
VGS = 3 V
4 V
5 V
10 V
Fig.7
Typical capacitances as a function of
drain-source voltage; VGS = 0; f = 1 MHz;
Tj =25° C
handbook, halfpage
0
60
40
VDS (V)
C
(pF)
20
0
10
20
30
MDA703
Crss
Ciss
Coss
Fig.8
Temperature coefficient of drain-source on
resistance;
typical RDS(on) at 150 mA/10 V;
k
R
DS(on) at Tj
R
DS(on) at 25 ° C
---------------------------------------------
;
=
(1) ID = 150 mA; VGS =10V;
(2) ID = 20 mA; VGS = 2.6 V
handbook, half age
−50
0
50
150
2.8
0.4
2.4
2
100
1.6
1.2
0.8
MDA704
k
Tj (°C)
(1)
(2)
Fig.9
Temperature coefficient of gate-source
threshold voltage;
typical VGS(th) at 1 mA.
k
V
GS(th) at Tj
V
GS(th) at 25 ° C
----------------------------------------
;
=
handbook, halfpage
−50
0
50
k
Tj (°C)
150
1.2
0.7
1.1
100
1
0.9
0.8
MDA705



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com