Electronic Components Datasheet Search
  English  ▼

X  

AD6624 Datasheet(PDF) 36 Page - Analog Devices

Part # AD6624
Description  Four-Channel, 80 MSPS Digital Receive Signal Processor (RSP)
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD6624 Datasheet(HTML) 36 Page - Analog Devices

Back Button AD6624 Datasheet HTML 32Page - Analog Devices AD6624 Datasheet HTML 33Page - Analog Devices AD6624 Datasheet HTML 34Page - Analog Devices AD6624 Datasheet HTML 35Page - Analog Devices AD6624 Datasheet HTML 36Page - Analog Devices AD6624 Datasheet HTML 37Page - Analog Devices AD6624 Datasheet HTML 38Page - Analog Devices AD6624 Datasheet HTML 39Page - Analog Devices AD6624 Datasheet HTML 40Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 36 / 40 page
background image
REV. B
AD6624
–36–
Bit 3 determines if the input consists of a single channel or
TDM channels such as when using the AD6600. If this bit is
cleared, a single ADC is assumed. In this mode, LIA–A functions
as the active output indicator. LIA–B provides the complement of
LIA–A. However, if this bit is set, the input is determined to be
dual channel and determined by the state of the IENA pin. If
the IENA pin is low, the input detection is directed to LIA–A.
If the IENA pin is high, the input is directed to LIA–B. In
either case, Bit 4 determines the actual polarity of these signals.
Bits 2–0 determine the internal latency of the gain detect func-
tion. When the LIA–A, B pins are made active, they are typically
used to change an attenuator or gain stage. Since this is prior to
the ADC, there is a latency associated with the ADC and with the
settling of the gain change. This register allows the internal delay
of the LIA–A, B signal to be programmed.
Addresses 4–7 duplicate address 00–03 for Input Port B
(INB[13:0]).
SERIAL PORT CONTROL
The AD6624 will have four serial ports serving as primary data
output interfaces. In addition to output data, these ports will
provide control paths to the internal functions of the AD6624.
Serial Port 0 (SDIN0) can access all of the internal registers for
all of the channels while Ports 1, 2, and 3 (SDIN1–3) are limited
to their local registers only. In this manner, a single DSP could
be used to control the AD6624 over the Serial Port 0 interface.
The option is present to use a DSP per channel if needed. In
addition to the global access of Serial Port 0, it has preemptive
access over the other serial ports and the microport.
The Serial Output and Input functions use mainly separate
hardware and can largely be considered separate ports that
use a common Serial Clock (SCLK). The Serial Input Port is self-
framing as described below and allows more efficient use of the
Serial Input Bandwidth for Programming. Hence, the state of
the SDFS signal has no direct impact on the Serial Input Port.
Since the Serial Input Port is self-framing, it is not necessary to
wait for an SDFS to perform a serial write. The beginning of a
Serial Input Frame is signaled by a FRAME bit that appears on
the SDI pin. This is the MSB of the Serial Input Frame. After
the FRAME bit has been sampled high on the falling edge of
SCLK, a State Counter will start and enable an 11-bit Serial
Shifter four serial clock cycles later. These four SCLK cycles
represent the “don’t care” bits of the Serial Frame that are
ignored. After all of the bits are shifted, the Serial Input Port will
pass along the 8-bit data and 3-bit address to the arbitration block.
The Serial Word Structure for the SDI input is illustrated in the
table below. Only 15 bits are listed so that the second bit in a
standard 16-bit serial word is considered the FRAME bit. This
is done for compatibility with the AD6620 Serial Input Port.
The shifting order begins with FRAME and shifts the address
MSB first and then the data MSB first.
JTAG BOUNDARY SCAN
The AD6624 supports a subset of IEEE Standard 1149.1 specifi-
cations. For additional details of the standard, please see “IEEE
Standard Test Access Port and Boundary-Scan Architecture,”
IEEE-1149 publication from IEEE.
The AD6624 has five pins associated with the JTAG interface.
These pins are used to access the on-chip Test Access Port and
are listed in the table below. All input JTAG pins are pull-up,
except for TCLK which has a pull-down.
Table XIV. Boundary Scan Test Pins
Name
Pin Number
Description
TRST
67
Test Access Port Reset
TCLK
68
Test Clock
TMS
69
Test Access Port Mode Select
TDI
72
Test Data Input
TDO
70
Test Data Output
The AD6624 supports the op codes as shown below. These
instructions set the mode of the JTAG interface.
Table XV. Boundary Scan Op Codes
Instruction
Op Code
IDCODE
001
BYPASS
111
SAMPLE/PRELOAD
010
EXTEST
000
HIGHZ
011
CLAMP
100
The Vendor Identification Code can be accessed through the
IDCODE instruction and has the following format.
Table XVI. Vendor ID Code
MSB
Part
Manufacturing
LSB
Version
Number
ID #
Mandatory
0000
0010
000 1110 0101
1
0111
1000
1100
A BSDL file for this device is available; please contact Analog
Devices, Inc. for more information.
FRAME
X
X
X
A2
A1
A0
D7
D6
D5
D4
D3
D2
D1
D0
SCLK
SDI
CLKn
FRAME
X
tSSI
tHSI
Figure 45. Serial Port Control Timing



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com